Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB3300-EZK Datasheet(PDF) 21 Page - Microchip Technology

Part # USB3300-EZK
Description  Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3300-EZK Datasheet(HTML) 21 Page - Microchip Technology

Back Button USB3300-EZK Datasheet HTML 17Page - Microchip Technology USB3300-EZK Datasheet HTML 18Page - Microchip Technology USB3300-EZK Datasheet HTML 19Page - Microchip Technology USB3300-EZK Datasheet HTML 20Page - Microchip Technology USB3300-EZK Datasheet HTML 21Page - Microchip Technology USB3300-EZK Datasheet HTML 22Page - Microchip Technology USB3300-EZK Datasheet HTML 23Page - Microchip Technology USB3300-EZK Datasheet HTML 24Page - Microchip Technology USB3300-EZK Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 59 page
background image
Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
Datasheet
SMSC USB3300
21
Revision 1.1 (01-24-13)
DATASHEET
Chapter 6 Architecture Overview
The USB3300 architecture can be broken down into the following blocks shown in Figure 6.1,
"Simplified USB3300 Architecture" below.
6.1
ULPI Digital
The USB3300 uses the industry standard ULPI digital interface to facilitate communication between
the PHY and Link (device controller). The ULPI interface is designed to reduce the number of pins
required to connect a discrete USB PHY to an ASIC or digital controller. For example, a full UTMI+
Level 3 OTG interface requires 54 signals while a ULPI interface requires only 12 signals.
The ULPI interface is documented completely in the “UTMI+ Low Pin Interface (ULPI)
Specification” document (www.ulpi.org).
The following sections highlight the key operating modes
of the USB3300 digital interface.
Figure 6.1 Simplified USB3300 Architecture
ULPI Digital
OTG
Module
DATA[7:0]
Internal
Regulator &
POR
Bias
Gen.
CLKOUT
NXT
DIR
STP
VDD3.3
XTAL &
PLL
VBUS
ID
VDD3.3
DP
DM
USB3300
RBIAS
HS XCVR
FS/LS
XCVR
Resistors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com