Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS91D176TMA/NOPB Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DS91D176TMA/NOPB
Description  DS91D176/DS91C176 100 MHz Single Channel M-LVDS Transceivers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS91D176TMA/NOPB Datasheet(HTML) 9 Page - Texas Instruments

Back Button DS91D176TMA/NOPB Datasheet HTML 5Page - Texas Instruments DS91D176TMA/NOPB Datasheet HTML 6Page - Texas Instruments DS91D176TMA/NOPB Datasheet HTML 7Page - Texas Instruments DS91D176TMA/NOPB Datasheet HTML 8Page - Texas Instruments DS91D176TMA/NOPB Datasheet HTML 9Page - Texas Instruments DS91D176TMA/NOPB Datasheet HTML 10Page - Texas Instruments DS91D176TMA/NOPB Datasheet HTML 11Page - Texas Instruments DS91D176TMA/NOPB Datasheet HTML 12Page - Texas Instruments DS91D176TMA/NOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
DS91C176, DS91D176
www.ti.com
SNLS146L – MARCH 2006 – REVISED APRIL 2013
Figure 15. Type 2 Receiver Propagation Delay and Transition Time Waveforms
Figure 16. Receiver TRI-STATE Delay Test Circuit
Figure 17. Receiver TRI-STATE Delay Waveforms
FUNCTION TABLES
Table 1. DS91D176/DS91C176 Transmitting(1)
Inputs
Outputs
RE
DE
D
B
A
X
2.0V
2.0V
L
H
X
2.0V
0.8V
H
L
X
0.8V
X
Z
Z
(1)
X — Don't care condition
Z — High impedance state
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: DS91C176 DS91D176



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com