Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC007BM/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CLC007BM/NOPB
Description  CLC007 Serial Digital Cable Driver with Dual Complementary Outputs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CLC007BM/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button CLC007BM/NOPB Datasheet HTML 3Page - Texas Instruments CLC007BM/NOPB Datasheet HTML 4Page - Texas Instruments CLC007BM/NOPB Datasheet HTML 5Page - Texas Instruments CLC007BM/NOPB Datasheet HTML 6Page - Texas Instruments CLC007BM/NOPB Datasheet HTML 7Page - Texas Instruments CLC007BM/NOPB Datasheet HTML 8Page - Texas Instruments CLC007BM/NOPB Datasheet HTML 9Page - Texas Instruments CLC007BM/NOPB Datasheet HTML 10Page - Texas Instruments CLC007BM/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
CLC007
8
1
2
5
3
R8
75:
R7
75: J4
VCC
6
7
J5
J2
VIN-
R1
154:
R4
75:
VEE
R3
154:
R5
75:
J1
VIN+
-
+
R6
75: J3
R9
75: J6
4
for 75: input:
R1 = R3 = 232:
R4 = R5 = 110:
RIN = 50:
VBIAS = VCC - 1.62V
VCC - VEE = +5V
75:
75: Coax
75:
75: Coax
75:
75: Coax
75:
75: Coax
CLC007
www.ti.com
SNLS016E – JULY 1998 – REVISED APRIL 2013
Figure 9. Differential Input DC Coupled Output
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: CLC007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com