Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC161S997RGHT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DAC161S997RGHT
Description  16-bit SPI Programmable DAC for 4-20mA Loops
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC161S997RGHT Datasheet(HTML) 7 Page - Texas Instruments

Back Button DAC161S997RGHT Datasheet HTML 3Page - Texas Instruments DAC161S997RGHT Datasheet HTML 4Page - Texas Instruments DAC161S997RGHT Datasheet HTML 5Page - Texas Instruments DAC161S997RGHT Datasheet HTML 6Page - Texas Instruments DAC161S997RGHT Datasheet HTML 7Page - Texas Instruments DAC161S997RGHT Datasheet HTML 8Page - Texas Instruments DAC161S997RGHT Datasheet HTML 9Page - Texas Instruments DAC161S997RGHT Datasheet HTML 10Page - Texas Instruments DAC161S997RGHT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
-40 -20
0
20
40
60
80 100 120
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
TEMPERATURE (°C)
Min INL
Max INL
1
10
100
1k
10k
100k
1M
0
20
40
60
80
100
120
FREQUENCY (Hz)
C1=C2=C3=1nF
C1=C2=C3=2.2nF
C1=C2=C3=10nF
C1=C2=C3=100nF
1
10
100
1k
10k
100k
-80
-70
-60
-50
-40
-30
-20
-10
0
FREQUENCY (Hz)
C1=C2=C3=2.2nF
HART Adaptation
C1=C2=C3=1nF
1
10
100
1k
10k
100k
1
10
100
1k
10k
100k
1M
INPUT CODE STEP (lsb)
C1=C2=C3=2.2nF
HART Adaptation
C1=C2=C3=1nF
0
4
8
12
16
20
24
0
1
2
3
4
5
6
OUTPUT CURRENT (mA)
Integration BW=1kHz
Integration BW=10kHz
4
6
8
10
12
14
16
18
20
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
OUTPUT CURRENT (mA)
DAC161S997
www.ti.com
SNAS621 – JUNE 2013
TYPICAL PERFORMANCE CHARACTERISTICS
Unless otherwise noted, data presented here was collected under these conditions VA = VD = 3.3 V, TA = 25°C, external
bipolar transistor: 2N3904, RE = 22
Ω, C1 = C2 = C3 = 2.2 nF.
INTEGRATED NOISE
LINEARITY
vs
vs
ILOOP
ILOOP
Figure 2.
Figure 3.
ΣΔ Modulator Filter Response
Settling Time vs Input Step Size
Figure 4.
Figure 5.
Output Linearity vs Temperature
PSRR: ILOOP=4mA
Figure 6.
Figure 7.
Copyright © 2013, Texas Instruments Incorporated
7
Product Folder Links: DAC161S997



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com