Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC2030N Datasheet(PDF) 3 Page - IXYS Corporation

Part # CPC2030N
Description  Dual Single-Pole, Normally Open 8-Pin SOIC OptoMOS짰 Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC2030N Datasheet(HTML) 3 Page - IXYS Corporation

  CPC2030N Datasheet HTML 1Page - IXYS Corporation CPC2030N Datasheet HTML 2Page - IXYS Corporation CPC2030N Datasheet HTML 3Page - IXYS Corporation CPC2030N Datasheet HTML 4Page - IXYS Corporation CPC2030N Datasheet HTML 5Page - IXYS Corporation CPC2030N Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
CPC2030N
www.ixysic.com
3
R03
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
LED Forward Voltage (V)
1.250
1.255
1.260
1.265
1.270
1.275
0
5
10
15
20
25
Typical LED Forward Voltage Drop
(N=50, I
F=5mA, TA=25ºC)
Turn-On Time (ms)
0.60
0.65
0.70
0.75
0.80
0.85
0.90
0
5
10
15
20
Typical Turn-On Time
(N=50, I
F=5mA, IL=60mA, TA=25ºC)
Turn-Off Time (ms)
0.34
0.35
0.36
0.37
0.38
0.39
0.40
0
5
10
15
20
25
Typical Turn-Off Time
(N=50, I
F=5mA, IL=60mA, TA=25ºC)
LED Current (mA)
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0
5
10
15
Typical I
F for Switch Operation
(N=50, I
L=120mA, TA=25ºC)
On-Resistance ( )
18.75 19.00 19.25 19.50 19.75 20.00 20.25
0
5
10
15
20
25
Typical On-Resistance Distribution
(N=50, I
F=2mA, IL=120mA, TA=25ºC)
Blocking Voltage (V
P)
416
419
422
425
428
431
0
5
10
15
20
25
Typical Blocking Voltage Distribution
(N=50, I
F=0mA, TA=25ºC)
LED Forward Voltage (V)
1.10 1.15 1.20 1.25 1.30 1.35 1.40 1.45 1.50 1.55
0
10
20
30
40
50
Typical LED Forward Voltage
vs. LED Forward Current
(T
A=25ºC)
LED Current (mA)
0
1020
30
4050
0
500
1000
1500
2000
2500
3000
3500
Typical Turn-On Time
vs. LED Forward Current
(I
L=60mA, TA=25ºC)
LED Current (mA)
0
1020
30
4050
300
310
320
330
340
350
360
370
Typical Turn-Off Time
vs. LED Forward Current
(I
L=60mA, TA=25ºC)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
1.0
1.1
1.2
1.3
1.4
1.5
1.6
Typical LED Forward Voltage Drop
vs. Temperature
I
F=50mA
I
F=20mA
I
F=10mA
I
F=5mA
I
F=2mA
Temperature (ºC)
-40
-20
0
20
40
60
80
100
500
1000
1500
2000
2500
Typical Turn-On Time
vs. Temperature
(I
L=60mA)
I
F=2mA
I
F=5mA
Temperature (ºC)
-40
-20
0
20
40
60
80
100
150
200
250
300
350
400
450
500
550
Typical Turn-Off Time
vs. Temperature
(I
L=60mA)
I
F=5mA
I
F=2mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com