Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCG_H9RM Datasheet(PDF) 18 Page - OSRAM GmbH

Part # LCG_H9RM
Description  OSRAM OSTAR Projection Cube is a new high flux LED for slim designs especially for Projection applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCG_H9RM Datasheet(HTML) 18 Page - OSRAM GmbH

Back Button LCG_H9RM Datasheet HTML 14Page - OSRAM GmbH LCG_H9RM Datasheet HTML 15Page - OSRAM GmbH LCG_H9RM Datasheet HTML 16Page - OSRAM GmbH LCG_H9RM Datasheet HTML 17Page - OSRAM GmbH LCG_H9RM Datasheet HTML 18Page - OSRAM GmbH LCG_H9RM Datasheet HTML 19Page - OSRAM GmbH LCG_H9RM Datasheet HTML 20Page - OSRAM GmbH LCG_H9RM Datasheet HTML 21Page - OSRAM GmbH LCG_H9RM Datasheet HTML 22Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
2012-05-23
18
Version 1.0
LCG H9RM
Tape and Reel
Gurtverpackung
8 mm tape with 2000 pcs. on
∅ 180 mm reel
Tape dimensions in mm (inch)
Tape dimensions in mm (inch)
Reel dimensions in mm (inch)
Reel dimensions in mm (inch)
W
P
0
P
1
P
2
D
0
E
F
8 +0.3/-0.1
4 ± 0.1
(0.157 ±
0.004)
2 ± 0.05
(0.079 ±
0.002)
or
4 ± 0.1
(0.157 ±
0.004)
2 ± 0.05
(0.079 ±
0.002)
1.5 ± 0.1
(0.059 +
0.004)
1.75 ± 0.1
(0.069 ±
0.004)
3.5 ± 0.05
(0.217 ±
0.002)
A
W
N
min
W
1
W
2max
180 (7)
8 (0.315)
60 (2.362)
8.4 + 2 (0.331 +
0.079)
14.4 (0.567)
D
0
2
P
P
0
1
P
Direction of unreeling
W1
2
W
OHAY0324
Label
Gurtvorlauf:
Leader:
Trailer:
Gurtende:
Direction of unreeling
160 mm
160 mm
400 mm
400 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com