Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCGH9RN Datasheet(PDF) 8 Page - OSRAM GmbH

Part # LCGH9RN
Description  OSRAM OSTAR Projection Cube is a new high flux LED for slim designs especially for Projection applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCGH9RN Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button LCGH9RN Datasheet HTML 4Page - OSRAM GmbH LCGH9RN Datasheet HTML 5Page - OSRAM GmbH LCGH9RN Datasheet HTML 6Page - OSRAM GmbH LCGH9RN Datasheet HTML 7Page - OSRAM GmbH LCGH9RN Datasheet HTML 8Page - OSRAM GmbH LCGH9RN Datasheet HTML 9Page - OSRAM GmbH LCGH9RN Datasheet HTML 10Page - OSRAM GmbH LCGH9RN Datasheet HTML 11Page - OSRAM GmbH LCGH9RN Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
2012-05-10
8
Version 1.0
LCG H9RN
Relative partial flux 4) page 22
Relativer zonaler Lichtstromanteil 4) Seite 22
Φ
V(2ϕ)/ΦV(180°) = f (ϕ); TJ = 25 °C
Relative cumulated Luminous flux 4) page 22 , 1) page 22
Relativer kummulierter Lichtstrom 4) Seite 22 , 1) Seite 22
Φ
Vrel - cum = f(λ), TJ = 25 °C, IF = 700 mA
0
10
20
30
40
50
60
70
80
90 100 110 120 130 140 150 160 170 180
2*
ϕ [°]
0,0
0,1
0,2
0,3
0,4
0,5
0,6
0,7
0,8
0,9
1,0
ΦV(2ϕ)
ΦV(180°)
400
450
500
550
600
650
700
750
800
λ [nm]
0,0
0,1
0,2
0,3
0,4
0,5
0,6
0,7
0,8
0,9
1,0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com