Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5056APMHE/NOPB Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # LM5056APMHE/NOPB
Description  High-Voltage System Power Management Device with PMBus?
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5056APMHE/NOPB Datasheet(HTML) 25 Page - Texas Instruments

Back Button LM5056APMHE/NOPB Datasheet HTML 21Page - Texas Instruments LM5056APMHE/NOPB Datasheet HTML 22Page - Texas Instruments LM5056APMHE/NOPB Datasheet HTML 23Page - Texas Instruments LM5056APMHE/NOPB Datasheet HTML 24Page - Texas Instruments LM5056APMHE/NOPB Datasheet HTML 25Page - Texas Instruments LM5056APMHE/NOPB Datasheet HTML 26Page - Texas Instruments LM5056APMHE/NOPB Datasheet HTML 27Page - Texas Instruments LM5056APMHE/NOPB Datasheet HTML 28Page - Texas Instruments LM5056APMHE/NOPB Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 46 page
background image
LM5056, LM5056A
www.ti.com
SNVS827A – OCTOBER 2012 – REVISED APRIL 2013
MFR_ID (99h)
The MFR_ID command is a standard PMBus command that returns the identification of the manufacturer. To
read the MFR_ID, use the PMBus block read protocol.
Table 18. MFR_ID Register
BYTE
NAME
VALUE
0
Number of bytes
03h
1
MFR ID-1
4Eh ‘N’
2
MFR ID-2
53h ‘S’
3
MFR ID-3
43h ‘C’
MFR_MODEL (9Ah)
The MFR_MODEL command is a standard PMBus command that returns the part number of the chip. To read
the MFR_MODEL, use the PMBus block read protocol.
Table 19. MFR_MODEL Register
BYTE
NAME
VALUE
0
Number of bytes
08h
1
MFR ID-1
4Ch ‘L’
2
MFR ID-2
4Dh ‘M’
3
MFR ID-3
35h ‘5’
4
MFR ID-4
30h ‘0’
5
MFR ID-5
35h ‘5’
6
MFR ID-6
36h ‘6’
7
MFR ID-7
00h
8
MFR ID-8
00h
MFR_REVISION (9Bh)
The MFR_REVISION command is a standard PMBus command that returns the revision level of the part. To
read the MFR_REVISION, use the PMBus block read protocol.
Table 20. MFR_REVISION Register
BYTE
NAME
VALUE
0
Number of bytes
02h
1
MFR ID-1
41h ‘A’
2
MFR ID-2
41h ‘A’
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: LM5056 LM5056A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com