Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP38798 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LP38798
Description  LP38798-ADJ High PSRR, Ultra Low Noise, 800 mA Linear Voltage Regulator for RF/Analog Circuits
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP38798 Datasheet(HTML) 2 Page - Texas Instruments

  LP38798 Datasheet HTML 1Page - Texas Instruments LP38798 Datasheet HTML 2Page - Texas Instruments LP38798 Datasheet HTML 3Page - Texas Instruments LP38798 Datasheet HTML 4Page - Texas Instruments LP38798 Datasheet HTML 5Page - Texas Instruments LP38798 Datasheet HTML 6Page - Texas Instruments LP38798 Datasheet HTML 7Page - Texas Instruments LP38798 Datasheet HTML 8Page - Texas Instruments LP38798 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
IN
EN
CP
GND(CP)
OUT
SET
FB
GND
OUT
OUT(FB)
IN
IN(CP)
Exposed Pad
on Bottom
(DAP)
1
2
3
4
5
6
7
8
9
10
11
12
LP38798
SNOSCT6A – MARCH 2013 – REVISED MAY 2013
www.ti.com
Connection Diagram
Top View
Connect WSON DAP to GND at Pins 6 and 7
Figure 1. LP38798SD-ADJ
12-Lead WSON Package (Top View)
PIN DESCRIPTIONS
Pin
Name
Function
1, 2
IN
Device unregulated input voltage pins. Connect pins together at the package.
3
IN(CP)
Charge pump input voltage pin. Connect directly to pins 1 and 2 at the package.
Charge pump output. See Charge Pump section in the Applications Information
4
CP
for more information.
Enable pin. A Logic high level is required on this pin to enable the LDO output.
A Logic low level will turn the output off and reduce the operating current of the
5
EN
device. See Enable Input Operation section in the Applications Information for
more information.
6
GND
Device charge pump ground pin.
7
GND
Device analog ground pin.
8
FB
Feedback pin for programming the output voltage.
Internally filtered pre-buffered output. A feedback resistor divider network from
9
SET
this pin to FB and GND will set the output voltage of the device.
10
OUT(FB)
OUT buffer feedback pin. Connect directly to pins 11 and 12 at the package.
11, 12
OUT
Device regulated output voltage pins. Connect pins together at the package.
The exposed die attach pad on the bottom of the package should be connected
to a thermal pad at ground potential. See 12-Lead WSON Package Thermal
Exposed Pad
DAP
Considerations section in the APPLICATIONS INFORMATION for more
information.
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
2
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LP38798



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com