Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HVLDF02 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # HVLDF02
Description  Ceramic Disc Capacitors Class 2, Low Loss (0.2 %), 500 VDC, 1 kVDC, 2 kVDC and 3 kVDC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HVLDF02 Datasheet(HTML) 2 Page - Vishay Siliconix

  HVLDF02 Datasheet HTML 1Page - Vishay Siliconix HVLDF02 Datasheet HTML 2Page - Vishay Siliconix HVLDF02 Datasheet HTML 3Page - Vishay Siliconix HVLDF02 Datasheet HTML 4Page - Vishay Siliconix HVLDF02 Datasheet HTML 5Page - Vishay Siliconix HVLDF02 Datasheet HTML 6Page - Vishay Siliconix HVLDF02 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Document Number: 28500
For technical questions, contact: CDC@vishay.com
www.vishay.com
Revision: 07-Jan-10
67
F Series
Ceramic Disc Capacitors Class 2,
Low Loss (0.2 %), 500 VDC, 1 kVDC,
2 kVDC and 3 kVDC
Vishay BCcomponents
ORDERING INFORMATION
C
(pF)
TOL.
(%)
DMAX.
(mm)
LEAD SPACING
(mm)
SH (1)
(mm)
CLEAR TEXT CODE
13TH DIGIT:
T = REEL; U = AMMO; 3 = BULK
16TH DIGIT:
R = RoHS COMPLIANT
500 V
100
± 10
5.0
5.0
4.0
F101K20Y5RL6.J5.
120
F121K20Y5RL6.J5.
150
F151K20Y5RL6.J5.
180
F181K20Y5RL6.J5.
220
F221K20Y5RL6.J5.
270
F271K20Y5RL6.J5.
330
F331K20Y5RL6.J5.
390
6.5
F391K25Y5RL6.J5.
470
F471K25Y5RL6.J5.
560
F561K25Y5RL6.J5.
680
F681K25Y5RL6.J5.
820
7.5
F821K29Y5RL6.J5.
1000
F102K29Y5RL6.J5.
500 V
1200
± 10
8.5
5.0
4.0
F122K33Y5RL6.J5.
1500
F152K33Y5RL6.J5.
1800
10.0
F182K39Y5RL6.J5.
2200
F222K39Y5RL6.J5.
2700
12.0
7.5
F272K47Y5RL63J7.
1kV
100
± 10
6.5
5.0
4.0
F101K25Y5RN6.J5.
120
F121K25Y5RN6.J5.
150
F151K25Y5RN6.J5.
180
F181K25Y5RN6.J5.
220
F221K25Y5RN6.J5.
270
7.5
F271K29Y5RN6.J5.
330
F331K29Y5RN6.J5.
390
F391K29Y5RN6.J5.
470
F471K29Y5RN6.J5.
560
8.5
F561K33Y5RN6.J5.
680
F681K33Y5RN6.J5.
820
10.0
F821K39Y5RN6.J5.
1000
F102K39Y5RN6.J5.
1200
11.0
F122K43Y5RN6.J5.
1500
F152K43Y5RN6.J5.
1800
12.5
7.5
F182K47Y5RN63J7.
2200
13.5
F222K53Y5RN63J7.
2700
F272K53Y5RN63J7.
3300
17.5
F332K69Y5RN63J7.
3900
F392K69Y5RN63J7.
4700
19.0
10.0
F472K75Y5RN83J0.
2kV
100
± 10
6.5
5.0
4.0
F101K25Y5RP6.K5.
120
F121K25Y5RP6.K5.
150
F151K25Y5RP6.K5.
180
7.5
F181K29Y5RP6.K5.
220
F221K29Y5RP6.K5.
270
F271K29Y5RP6.K5.
330
F331K29Y5RP6.K5.
390
8.5
F391K33Y5RP6.K5.
470
F471K33Y5RP6.K5.
560
10.0
F561K39Y5RP6.K5.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com