Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7391PDUTR Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7391PDUTR
Description  32 W bridge car radio amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7391PDUTR Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7391PDUTR Datasheet HTML 1Page - STMicroelectronics TDA7391PDUTR Datasheet HTML 2Page - STMicroelectronics TDA7391PDUTR Datasheet HTML 3Page - STMicroelectronics TDA7391PDUTR Datasheet HTML 4Page - STMicroelectronics TDA7391PDUTR Datasheet HTML 5Page - STMicroelectronics TDA7391PDUTR Datasheet HTML 6Page - STMicroelectronics TDA7391PDUTR Datasheet HTML 7Page - STMicroelectronics TDA7391PDUTR Datasheet HTML 8Page - STMicroelectronics TDA7391PDUTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
January 2011
Doc ID 6326 Rev 4
1/12
12
TDA7391PD
32 W bridge car radio amplifier
Features
High power capability:
– 40 W/3.2
Ω EIAJ
– 32 W/3.2
Ω @ V
S = 14.4 V, f = 1 kHz,
d = 10 %
– 26 W/4
Ω @ V
S = 14.4 V, f = 1 kHz,
d = 10 %
Differential inputs (either single ended or
differential input signal are accepted)
Minimum external component count:
– No bootstrap capacitors
– No Boucherot cells
– Internally fixed gain (30 dB)
– No SVR capacitor
Standby function (CMOS compatible)
Programmable turn-on/off delay
No audible pop during mute and stand-by
operations
Protections
Short circuit (to GND, to VS, across the load)
Very inductive loads
Chip over temperature
Load dump
Open GND
ESD
Description
The TDA7391PD is a bridge class AB audio
power amplifier specially intended for car radio
high power applications.
The high power capability together with the
possibility to operate either in differential input
mode or single ended input mode makes it
suitable for boosters and high end car radio
equipment. The exclusive fully complementary
output stage and the internal fixed gain
configuration drop the external component count.
The on board clipping detector allows easy
implementation of gain compression systems.
PowerSO20
PowerSO20
(slug-up)
Table 1.
Device summary
Order code
Package
Packing
E-TDA7391PD
PowerSO20
Tube
E-TDA7391PDTR
PowerSO20
Tape and reel
TDA7391PDU
PowerSO20 (slug-up)
Tube
TDA7391PDUTR
PowerSO20 (slug-up)
Tape and reel
www.st.com


Similar Part No. - TDA7391PDUTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7391PDUTR STMICROELECTRONICS-TDA7391PDUTR Datasheet
288Kb / 12P
32 W bridge car radio amplifier
16-Sep-2013
More results

Similar Description - TDA7391PDUTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7256 STMICROELECTRONICS-TDA7256 Datasheet
116Kb / 10P
30W BRIDGE CAR RADIO AMPLIFIER
Oct-1998
TDA7391 STMICROELECTRONICS-TDA7391 Datasheet
114Kb / 8P
35W BRIDGE CAR RADIO AMPLIFIER
Oct-1998
TDA7391PD STMICROELECTRONICS-TDA7391PD Datasheet
80Kb / 8P
32W BRIDGE CAR RADIO AMPLIFIER
Oct-1998
TDA7391PD STMICROELECTRONICS-TDA7391PD_08 Datasheet
171Kb / 11P
32 W bridge car radio amplifier
02-Jul-2008
TDA7560A STMICROELECTRONICS-TDA7560A Datasheet
207Kb / 15P
4 x 45 W quad bridge car radio amplifier
07-Nov-2008
TDA7391PD STMICROELECTRONICS-TDA7391PD_11 Datasheet
243Kb / 12P
32 W bridge car radio amplifier
26-Jan-2011
logo
Unisonic Technologies
TDA7388 UTC-TDA7388_15 Datasheet
207Kb / 5P
QUAD BRIDGE CAR RADIO AMPLIFIER
logo
STMicroelectronics
TDA7387 STMICROELECTRONICS-TDA7387 Datasheet
811Kb / 15P
4 x 41 W quad bridge car radio amplifier
18-Sep-2013
TDA7560 STMICROELECTRONICS-TDA7560_V01 Datasheet
495Kb / 17P
4 x 51 W quad bridge car radio amplifier
16-Sep-2013
logo
List of Unclassifed Man...
PAL013A ETC-PAL013A Datasheet
148Kb / 2P
4 x 45 W Quad bridge car radio amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com