Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3296Z Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 3296Z
Description  Square Trimpot Trimming Potentiometer Tape and reel packaging available
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

3296Z Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  3296Z Datasheet HTML 1Page - Bourns Electronic Solutions 3296Z Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
■ Multiturn / Cermet / Industrial / Sealed
■ 5 terminal styles
■ Tape and reel packaging available
■ Chevron seal design
■ Listed on the QPL for style RJ24 per
MIL-R-22097 and RJR24 per High-Rel
Mil-R-39035
■ Mounting hardware available
(H-117P)
■ RoHS compliant* version available
■ For trimmer applications/processing
guidelines, click here
3296 - 3/8 ” Square Trimpot® Trimming Potentiometer
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex.
†“Fluorinert” is a registered trademark of 3M Co.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Electrical Characteristics
Standard Resistance Range
......................10 ohms to 2 megohms
(see standard resistance table)
Resistance Tolerance ........... ±10 % std.
(tighter tolerance available)
Absolute Minimum Resistance
........................... 1 % or 2 ohms max.
(whichever is greater)
Contact Resistance Variation
........................ 1.0 % or 3 ohms max.
(whichever is greater)
Adjustability
Voltage .................................. ±0.01 %
Resistance ............................ ±0.05 %
Resolution ................................... Infinite
Insulation Resistance ............... 500 vdc.
1,000 megohms min.
Dielectric Strength
Sea Level................................ 900 vac
70,000 Feet ............................ 350 vac
Effective Travel .................25 turns nom.
Environmental Characteristics
Power Rating (300 volts max.)
70 °C ...................................... 0.5 watt
125 °C ....................................... 0 watt
Temperature Range ... -55 °C to +125 °C
Temperature Coefficient ... ±100 ppm/°C
Seal Test ......................85 °C Fluorinert†
Humidity .......MIL-STD-202 Method 103
96 hours
(2 %
ΔTR, 10 Megohms IR)
Vibration ....... 20 G (1 %
ΔTR; 1 % ΔVR)
Shock ......... 100 G (1 %
ΔTR; 1 % ΔVR)
Load Life.. 1,000 hours 0.5 watt @ 70 °C
(3 %
ΔTR; 3 % or 3 ohms,
whichever is greater, CRV)
Rotational Life .......................200 cycles
(4 %
ΔTR; 3 % or 3 ohms,
whichever is greater, CRV)
Physical Characteristics
Torque............................. 3.0 oz-in. max.
Mechanical Stops................. Wiper idles
Terminals ....................... Solderable pins
Weight ....................................... 0.03 oz.
Marking........................... Manufacturer’s
trademark, resistance code,
wiring diagram, date code,
manufacturer’s model
number and style
Wiper ............... 50 % (Actual TR) ±10 %
Flammability ..........................U.L. 94V-0
Standard Packaging .....50 pcs. per tube
Adjustment Tool.............................. H-90
Product Dimensions
1
3 CW
CLOCKWISE
CCW
2 WIPER
How To Order
3296 W - 1 - 103 __ LF
Model
Style
Standard or Modified
Product Indicator
-1 = Standard Product
Resistance Code
Packaging Designator
Blank = Tube (Standard)
R = Tape and Reel (X and W Pin Styles
Only)
A = Ammo Pack (X and W Pin Styles Only)
Terminations
LF =
100 % Tin-plated (RoHS compliant)
Blank = 90 % Tin / 10 % Lead-plated
(Standard)
Consult factory for other available options.
Standard Resistance Table
Resistance
Resistance
(Ohms)
Code
10
100
20
200
50
500
100
101
200
201
500
501
1,000
102
2,000
202
5,000
502
10,000
103
20,000
203
25,000
253
50,000
503
100,000
104
200,000
204
250,000
254
500,000
504
1,000,000
105
2,000,000
205
TOLERANCES: ±
0.25
EXCEPT WHERE NOTED
(.010)
DIMENSIONS:
MM
(INCHES)
Popular values listed in boldface. Special
resistances available.
Common Dimensions
1.27 ± 0.1
(.050 ± .004)
4.83 ± .13
(.190 ± .005)
9.53
(.375)
1.27 ± 0.1
(.050 ± .004)
5.23
(.206)
2
3
1
2
3
1
2.41
(.095)
2
3
1
8.26 ± .64
(.325 ± .025)
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.41
(.095)
10.03
(.395)
1.52
(.060)
.38
(.015)
6.40 ± 1.32
(.252 ± .052)
.51 ± .03
(.020 ± .001)
2.54
(.100)
2.54
(.100)
MIN.
DIA.
ADJ. SLOT
2.19
(.086)
.56
(.022)
.76
(.030)
WIDE
X
X
DEEP
DIA.
3296P
3296W
3296X
1
2
3
1.14
(.045)
2
3
1
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100)
1.14
(.045)
3296Y
3296Z


Similar Part No. - 3296Z

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
3296Z DBLECTRO-3296Z Datasheet
209Kb / 1P
10횞9.5 Square/Multiturn/Trimming Potentiometer
logo
Vatronics Technologies ...
3296Z VATRONICS-3296Z Datasheet
74Kb / 3P
9mm Square Multi-Turn Trimmer Potentiometers
logo
Bourns Electronic Solut...
3296Z-1-102LF BOURNS-3296Z-1-102LF Datasheet
183Kb / 2P
3296 - 3/8 ??Square Trimpot짰 Trimming Potentiometer
logo
DB Lectro Inc
3296Z100 DBLECTRO-3296Z100 Datasheet
209Kb / 1P
10횞9.5 Square/Multiturn/Trimming Potentiometer
3296Z101 DBLECTRO-3296Z101 Datasheet
209Kb / 1P
10횞9.5 Square/Multiturn/Trimming Potentiometer
More results

Similar Description - 3296Z

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3362P-1-502TLF BOURNS-3362P-1-502TLF Datasheet
283Kb / 2P
Square Trimpot Trimming Potentiometer Tape and reel packaging available
3386P-1-103TLF BOURNS-3386P-1-103TLF Datasheet
296Kb / 3P
Square Trimpot Trimming Potentiometer Available with cross-slot rotor
3260 BOURNS-3260 Datasheet
108Kb / 1P
1/4 ??Square Trimpot Trimming Potentiometer
RJ22 BOURNS-RJ22 Datasheet
108Kb / 1P
1/2 Square Trimpot Trimming Potentiometer
RJ24FL202 BOURNS-RJ24FL202_12 Datasheet
184Kb / 1P
Square Trimpot Trimming Potentiometer
RT22C2P501 BOURNS-RT22C2P501 Datasheet
143Kb / 1P
Square Trimpot Trimming Potentiometer
RT24C2P501 BOURNS-RT24C2P501 Datasheet
187Kb / 1P
Square Trimpot Trimming Potentiometer
RT26 BOURNS-RT26 Datasheet
120Kb / 1P
Square Trimpot Trimming Potentiometer
logo
M/A-COM Technology Solu...
MAAD-007082 MA-COM-MAAD-007082 Datasheet
825Kb / 8P
Tape and Reel Packaging Available
MAAD-007083 MA-COM-MAAD-007083 Datasheet
787Kb / 5P
Tape and Reel Packaging Available
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com