Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM7160AUJZ-3.3-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADM7160AUJZ-3.3-R7
Description  Ultralow Noise, 200 mA Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM7160AUJZ-3.3-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADM7160AUJZ-3.3-R7 Datasheet HTML 16Page - Analog Devices ADM7160AUJZ-3.3-R7 Datasheet HTML 17Page - Analog Devices ADM7160AUJZ-3.3-R7 Datasheet HTML 18Page - Analog Devices ADM7160AUJZ-3.3-R7 Datasheet HTML 19Page - Analog Devices ADM7160AUJZ-3.3-R7 Datasheet HTML 20Page - Analog Devices ADM7160AUJZ-3.3-R7 Datasheet HTML 21Page - Analog Devices ADM7160AUJZ-3.3-R7 Datasheet HTML 22Page - Analog Devices ADM7160AUJZ-3.3-R7 Datasheet HTML 23Page - Analog Devices ADM7160AUJZ-3.3-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
ADM7160
Data Sheet
Rev. 0 | Page 20 of 24
TYPICAL APPLICATION CIRCUITS
1
2
3
5
4
16-BIT/18-BIT ADC
CIN
4.7µF
COUT
4.7µF
VOUT = 2.5V
VIN = 2.9V
VOUT
NC
VIN
GND
ADM7160
EN
OFF
ON
NC = NO CONNECT
VDD
VDD
IN+
IN–
VREF
DVDD
DIGITAL
OUTPUT
1.8V TO 5V
2.5V TO 5V
0V TO VREF
Figure 59. ADM7160 Powering a 16-Bit/18-Bit ADC
1
2
3
5
4
CIN
4.7µF
COUT
4.7µF
VOUT = 3.3V
VCP
VVCO
DVDD
VIN = 5V
VOUT
INPUT
OUTPUT
NC
VIN
GND
ADM7160
EN
OFF
ON
NC = NO CONNECT
1
2
3
5
4
CIN
4.7µF
COUT
4.7µF
VOUT = 3.3V
VIN = 5V
VOUT
NC
VIN
GND
ADM7160
EN
OFF
ON
NC = NO CONNECT
N DIVIDER
PHASE
DETECTOR
CHARGE
PUMP
PLL BLOCK DIAGRAM
LOOP
FILTER
VCO
VOLTAGE-
CONTROLLED
OSCILLATOR
AVDD
Figure 60. ADM7160 Powering a PLL/VCO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com