Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP5063 Datasheet(PDF) 21 Page - Analog Devices

Part # ADP5063
Description  Linear LiFePO4 Battery Charger with Power Path and USB Compatibility in LFCSP
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5063 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADP5063 Datasheet HTML 17Page - Analog Devices ADP5063 Datasheet HTML 18Page - Analog Devices ADP5063 Datasheet HTML 19Page - Analog Devices ADP5063 Datasheet HTML 20Page - Analog Devices ADP5063 Datasheet HTML 21Page - Analog Devices ADP5063 Datasheet HTML 22Page - Analog Devices ADP5063 Datasheet HTML 23Page - Analog Devices ADP5063 Datasheet HTML 24Page - Analog Devices ADP5063 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
Data Sheet
ADP5063
Rev. 0 | Page 21 of 44
THERMAL MANAGEMENT
Isothermal Charging
The ADP5063 includes a thermal feedback loop that limits the
charge current when the die temperature exceeds TLIM (typically
115°C). As the on-chip power dissipation and die temperature
increase, the charge current is automatically reduced to maintain
the die temperature within the recommended range. As the die
temperature decreases due to lower on-chip power dissipation
or ambient temperature, the charge current returns to the pro-
grammed level. During isothermal charging, the THERM_LIM
I2C flag is set to high.
This thermal feedback control loop allows the user to set the
programmed charge current based on typical rather than worst-
case conditions.
The ADP5063 does not include a thermal feedback loop to limit
ISO_Sx load current in LDO mode. If the power dissipated on
chip during LDO mode causes the die temperature to exceed
130°C, an interrupt is generated. If the die temperature continues
to rise beyond 140°C, the device enters thermal shutdown.
Thermal Shutdown and Thermal Early Warning
The ADP5063 charger features a thermal shutdown threshold
detector. If the die temperature exceeds TSD, the ADP5063 charger
is disabled, and the TSD 140°C bit is set. The ADP5063 charger
can be reenabled when the die temperature drops below the TSD
falling limit and the TSD 140°C bit is reset. To reset the TSD
140°C bit, write to the I2C fault register, Register Address 0x0D
(Bit 0) or cycle the power.
Before the die temperature reaches TSD, the early warning bit is
set if TSDL is exceeded. This allows the system to accommodate
power consumption before thermal shutdown occurs.
Fault Recovery
Before performing the following operation, it is important to
ensure that the cause of the fault has been rectified.
To recover from a charger fault (when CHARGER_STATUS[2:0] =
110), cycle the power on VINx or write high to reset the I2C
fault bits in the fault register (Register Address 0x0D).
BATTERY ISOLATION FET
The ADP5063 charger features an integrated battery isolation
FET for power path control. The battery isolation FET isolates a
deeply discharged Li-Ion cell from the system power supply in
both trickle and fast charge modes, thereby allowing the system
to be powered at all times.
When VINx is below VVIN_OK_RISE, the battery isolation FET is in
full conducting mode.
The battery isolation FET is off during trickle charge mode.
When the battery voltage exceeds VTRK_DEAD, the battery isolation
FET switches to the system voltage regulation mode. During
system voltage regulation mode, the battery isolation FET
maintains the VISO_SFC voltage on the ISO_Sx pins. When the
battery voltage exceeds VISO_SFC, the battery isolation FET is in
full conducting mode.
The battery isolation FET supplements the battery to support
high current functions on the system power supply. When the
voltage on ISO_Sx drops below VISO_Bx, the battery isolation FET
enters into full conducting mode. When voltage on ISO_Sx rises
above VISO_Bx, the isolation FET enters regulating mode or full
conduction mode, depending on the Li-Ion cell voltage and the
linear charger mode.
BATTERY DETECTION
Battery Voltage Level Detection
The ADP5063 charger features a battery detection mechanism to
detect an absent battery. The charger actively sinks and sources
current into the ISO_Bx node, and voltage vs. time is detected.
The sink phase is used to detect a charged battery, whereas the
source phase is used to detect a discharged battery.
The sink phase (see Figure 27) sinks ISINK current from the ISO_Bx
pins for a time period, tBATOK. If ISO_Bx is below VBATL when the
tBATOK timer expires, the charger assumes that no battery is present
and starts the source phase. If the ISO_Bx pin exceeds the VBATL
voltage when the tBATOK timer expires, the charger assumes that
the battery is present and begins a new charge cycle.
The source phase sources ISOURCE current to the ISO_Bx pins for
a time period, tBATOK. If ISO_Bx exceeds VBATH before the tBATOK
timer expires, the charger assumes that no battery is present. If
the ISO_Bx pin does not exceed the VBATH voltage when the tBATOK
timer expires, the charger assumes that a battery is present and
begins a new charge cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com