Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDR1005-R68ML Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SDR1005-R68ML
Description  SMD Power Inductors Available in E6 series Portable communications equipment
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SDR1005-R68ML Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SDR1005-R68ML Datasheet HTML 1Page - Bourns Electronic Solutions SDR1005-R68ML Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TYP.
3.0
(.118)
TYP.
MAX.
2.8
(.110)
10.0 ± 0.2
(.393 ± .008)
12.7 ± 0.2
(.500 ± .008)
5.0 ± 0.3
(.197 ± .012)
7.6 ± 0.3
(.299 ± .012)
2.4 ± 0.2
(.094 ± .008)
TYP.
2.5 ± 0.2
(.098 ± .008)
7.3
(.287)
Features
Available in E6 series
Low profile of only 5.0 mm
Inductance as low as 0.68 µH
RoHS compliant*
Applications
Input/output of DC/DC converters
Power supplies for:
- Portable communications equipment
- Camcorders
- LCD TVs
- Car radios
SDR1005 Series - SMD Power Inductors
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Test Voltage .................... 0.1 V, 100 KHz
Reflow Soldering .. 250 °C, 10 sec. max.
(in compliance with JEDEC,
J-STD-020C, Table 4-2)
Operating Temperature
................................-40 °C to +125 °C
(Temperature rise included)
Storage Temperature
................................-40 °C to +125 °C
Resistance to Soldering Heat
........................ +250 °C, 10 sec. max.
Electrical Specifications
Bourns
Part Number
Inductance
1 kHz
Q
Ref.
Test
Frequency
Q (MHz)
SRF
Min.
(MHz)
RDC
Max.
(
Ω)
I rms
Max.
(A)
I sat
Typ.
(A)
(µH)
Tol. %
SDR1005-R68ML
0.68
± 20
26
7.960
160
0.006
8.50
9.50
SDR1005-1R0ML
1
± 20
55
2.600
137
0.007
7.50
9.00
SDR1005-1R5ML
1.5
± 20
50
3.000
95
0.009
6.50
8.00
SDR1005-2R2ML
2.2
± 20
51
2.470
65
0.012
6.10
7.00
SDR1005-2R5ML
2.5
± 20
49
3.000
56
0.012
5.50
7.00
SDR1005-3R3ML
3.3
± 20
45
2.520
54
0.015
5.00
6.40
SDR1005-4R7ML
4.7
± 20
46
2.700
42
0.019
4.50
5.40
SDR1005-6R8ML
6.8
± 20
56
2.000
31
0.030
3.40
4.50
SDR1005-100ML
10
± 20
43
4.000
26
0.050
2.90
3.70
SDR1005-150ML
15
± 20
42
2.700
22
0.060
2.50
3.00
SDR1005-220ML
22
± 20
29
2.520
18
0.10
2.00
2.50
SDR1005-330KL
33
± 10
29
2.200
14
0.12
1.80
2.00
SDR1005-470KL
47
± 10
30
2.200
12
0.19
1.40
1.60
SDR1005-680KL
68
± 10
24
2.200
11
0.24
1.20
1.40
SDR1005-101KL
100
± 10
41
0.056
8
0.33
1.00
1.20
SDR1005-151KL
150
± 10
58
0.087
6
0.59
0.80
1.00
SDR1005-221KL
220
± 10
50
0.068
5
0.78
0.70
0.80
SDR1005-331KL
330
± 10
56
0.070
4
1.15
0.55
0.60
SDR1005-471KL
470
± 10
60
0.081
4
1.70
0.45
0.50
SDR1005-681KL
680
± 10
72
0.096
3
2.60
0.35
0.40
SDR1005-102KL
1000
± 10
78
0.122
2
3.90
0.30
0.35
SDR1005-152KL
1500
± 10
97
0.131
2
6.30
0.25
0.30
SDR1005-222KL
2200
± 10
85
0.128
2
8.20
0.20
0.24
SDR1005-332KL
3300
± 10
106
0.128
1
14.00
0.16
0.18
SDR1005-472KL
4700
± 10
96
0.125
1
17.00
0.15
0.16
SDR1005-682KL
6800
± 10
105
0.171
1
30.00
0.11
0.12
SDR1005-822KL
8200
± 10
102
0.145
1
34.00
0.11
0.12
SDR1005-103KL
10000
± 10
102
0.138
1
39.00
0.10
0.11
General Specifications
Core....................................... Ferrite DR
Wire ............................Enameled copper
Base ................................................DAP
Terminal ........................................ Cu/Sn
Rated Current
................... Ind. drop 10 % typ. at Isat
Temperature Rise
....................15 °C max. at rated I rms
Packaging.................... 600 pcs. per reel
Materials
Product Dimensions
Recommended Layout
Electrical Schematic
DIMENSIONS:
MM
(INCHES)
= START OF WINDING


Similar Part No. - SDR1005-R68ML

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1005-R68ML BOURNS-SDR1005-R68ML Datasheet
220Kb / 2P
SMD Power Inductors
More results

Similar Description - SDR1005-R68ML

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCP8201 TOSHIBA-TPCP8201 Datasheet
248Kb / 7P
Portable Equipment Applications
logo
TEMEX
QEV101 TEMEX-QEV101 Datasheet
721Kb / 5P
SMD 7x5 VCXO - Communications Equipment Application
QEA95 TEMEX-QEA95 Datasheet
612Kb / 6P
SMD 9.6x11.4 TCXO / VC-TCXO - Communications equipment applications
QEN62 TEMEX-QEN62 Datasheet
460Kb / 5P
Plastic J LEAD SMD XO - Communications Equipment Application
logo
KODENSHI_AUK CORP.
STJ004SF KODENSHI-STJ004SF Datasheet
465Kb / 8P
PORTABLE EQUIPMENT APPLICATION
STK003SF KODENSHI-STK003SF Datasheet
459Kb / 8P
PORTABLE EQUIPMENT APPLICATION
logo
Panasonic Semiconductor
ESE-22MV21T PANASONIC-ESE-22MV21T Datasheet
141Kb / 3P
Detection of media in portable electronic equipment
logo
ON Semiconductor
LV24250LS ONSEMI-LV24250LS Datasheet
239Kb / 18P
Compact Portable Equipment
June, 2013
logo
Bel Fuse Inc.
MBC41 BEL-MBC41 Datasheet
661Kb / 5P
Portable Equipment
logo
Dialog Semiconductor
SLG46110 DIALOG-SLG46110 Datasheet
837Kb / 82P
Data Communications Equipment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com