Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83620 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # DP83620
Description  Deterministic, Low Transmit and Receive Latency, Selectable Frequency Synchronized Clock Output, Dynamic Link Quality Monitoring
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DP83620 Datasheet(HTML) 39 Page - Texas Instruments

Back Button DP83620 Datasheet HTML 35Page - Texas Instruments DP83620 Datasheet HTML 36Page - Texas Instruments DP83620 Datasheet HTML 37Page - Texas Instruments DP83620 Datasheet HTML 38Page - Texas Instruments DP83620 Datasheet HTML 39Page - Texas Instruments DP83620 Datasheet HTML 40Page - Texas Instruments DP83620 Datasheet HTML 41Page - Texas Instruments DP83620 Datasheet HTML 42Page - Texas Instruments DP83620 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 105 page
background image
DP83620
www.ti.com
SNLS339C – JANUARY 2011 – REVISED APRIL 2013
5.11 LINK DIAGNOSTIC CAPABILITIES
The DP83620 contains several system diagnostic capabilities for evaluating link quality and detecting
potential cabling faults in twisted pair cabling. Software configuration is available through the Link
Diagnostics Registers - Page 2 which can be selected via Page Select Register (PAGESEL), address 13h.
These capabilities include:
— Linked Cable Status
— Link Quality Monitor
— TDR (Time Domain Reflectometry) Cable Diagnostics
5.11.1 Linked Cable Status
In an active connection with a valid link status, the following diagnostic capabilities are available:
— Polarity reversal
— Cable swap (MDI vs MDIX) detection
— 100 Mb Cable Length Estimation
— Frequency offset relative to link partner
— Cable Signal Quality Estimation
5.11.1.1 Polarity Reversal
The DP83620 detects polarity reversal by detecting negative link pulses. The Polarity indication is
available in bit 12 of the PHYSTS (10h) or bit 4 of the 10BTSCR (1Ah). Inverted polarity indicates the
positive and negative conductors in the receive pair are swapped. Since polarity is corrected by the
receiver, this does not necessarily indicate a functional problem in the cable.
Since the polarity indication is dependent on link pulses from the link partner, polarity indication is only
valid in 10 Mb modes of operation, or in 100 Mb Auto-Negotiated mode. Polarity indication is not available
in 100 Mb forced mode of operation or in a parallel detected 100 Mb mode.
5.11.1.2 Cable Swap Indication
As part of Auto-Negotiation, the DP83620 has the ability (using Auto-MDIX) to automatically detect a cable
with swapped MDI pairs and select the appropriate pairs for transmitting and receiving data. Normal
operation is termed MDI, while crossed operation is MDIX. The MDIX status can be read from bit 14 of the
PHYSTS (10h).
5.11.1.3 100 Mb Cable Length Estimation
The DP83620 provides a method of estimating cable length based on electrical characteristics of the 100
Mb link. This essentially provides an effective cable length rather than a measurement of the physical
cable length. The cable length estimation is only available in 100 Mb mode of operation with a valid link
status. The cable length estimation is available at the Link Diagnostics Registers - Page 2, register 100
Mb Length Detect (LEN100_DET), address 14h.
5.11.1.4 Frequency Offset Relative to Link Partner
As part of the 100 Mb clock recovery process, the DSP implementation provides a frequency control
parameter. This value may be used to indicate the frequency offset of the device relative to the link
partner. This operation is only available in 100 Mb operation with a valid link status. The frequency offset
can be determined using the register 100 Mb Frequency Offset Indication (FREQ100), address 15h, of the
Link Diagnostics Registers - Page 2.
Copyright © 2011–2013, Texas Instruments Incorporated
Configuration
39
Submit Documentation Feedback
Product Folder Links: DP83620



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com