Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD78014 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # UPD78014
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD78014 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button UPD78014 Datasheet HTML 3Page - Renesas Technology Corp UPD78014 Datasheet HTML 4Page - Renesas Technology Corp UPD78014 Datasheet HTML 5Page - Renesas Technology Corp UPD78014 Datasheet HTML 6Page - Renesas Technology Corp UPD78014 Datasheet HTML 7Page - Renesas Technology Corp UPD78014 Datasheet HTML 8Page - Renesas Technology Corp UPD78014 Datasheet HTML 9Page - Renesas Technology Corp UPD78014 Datasheet HTML 10Page - Renesas Technology Corp UPD78014 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 58 page
background image
5
µPD78P083
FUNCTION DESCRIPTION
Item
Function
Internal memory
• PROM: 24 Kbytes Note
• RAM
Internal high-speed RAM: 512 bytes Note
Memory space
64 Kbytes
General register
8 bits x 32 registers (8 bits x 8 registers x 4 banks)
Instruction cycles
Instruction execution time variable function is integrated.
0.4
µs/0.8 µs/1.6 µs/3.2 µs/6.4 µs/12.8 µs (@5.0-MHz operation with main system clock)
Instruction set
• 16-bit operation
• Multiply/divide (8 bits x 8 bits, 16 bits
÷ 8 bits)
• Bit manipulation (set, reset, test, Boolean operation)
• BCD adjust, etc.
I/O ports
Total
: 33
• CMOS input
: 1
• CMOS input/output
: 32
A/D converter
• 8-bit resolution x 8 channels
Serial interface
• 3-wire serial I/O/UART mode selectable: 1 channel
Timer
• 8-bit timer/event counter: 2 channels
• Watchdog timer: 1 channel
Timer output
2 pins (8-bit PWM output enable)
Clock output
19.5 kHz, 39.1 kHz, 78.1 kHz, 156 kHz, 313 kHz, 625 kHz, 1.25 MHz, 2.5 MHz, and
5.0 MHz (@ 5.0-MHz operation with main system clock)
Buzzer output
1.2 kHz, 2.4 kHz, 4.9 kHz, and 9.8 kHz
(@ 5.0-MHz operation with main system clock)
Vectored
Maskable interrupts
Internal
:
8
external
:
3
interrupts
Non-maskable interrupt
Internal
:
1
Software interrupt
Internal
:
1
Power supply voltage
VDD = 1.8 to 5.5 V
Operating ambient temperature
TA = –40 to +85
°C
Packages
• 42-pin plastic shrink DIP (600 mil)
• 44-pin plastic QFP (10 x 10 mm)
• 42-pin ceramic shrink DIP (with window) (600 mil)
Note
Internal PROM and high-speed RAM capacities can be changed by setting the internal memory size switching
register (IMS).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com