Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M3062JFHTGP Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # M3062JFHTGP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M3062JFHTGP Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button M3062JFHTGP Datasheet HTML 2Page - Renesas Technology Corp M3062JFHTGP Datasheet HTML 3Page - Renesas Technology Corp M3062JFHTGP Datasheet HTML 4Page - Renesas Technology Corp M3062JFHTGP Datasheet HTML 5Page - Renesas Technology Corp M3062JFHTGP Datasheet HTML 6Page - Renesas Technology Corp M3062JFHTGP Datasheet HTML 7Page - Renesas Technology Corp M3062JFHTGP Datasheet HTML 8Page - Renesas Technology Corp M3062JFHTGP Datasheet HTML 9Page - Renesas Technology Corp M3062JFHTGP Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 103 page
background image
M16C/62P Group (M16C/62P, M16C/62PT)
1. Overview
Rev.2.41
Jan 10, 2006
Page 4 of 96
REJ03B0001-0241
NOTES:
1. I2C bus is a registered trademark of Koninklijke Philips Electronics N. V.
2. IEBus is a registered trademark of NEC Electronics Corporation.
3. See Table 1.8 and 1.9 Product Code for the program and erase endurance, and operating ambient
temperature.
In addition 1,000 times/10,000 times are under development as of Jul., 2005. Please inquire about a release
schedule.
4. All options are on request basis.
Table 1.3
Performance Outline of M16C/62P Group (M16C/62P, M16C/62PT)(80-pin version)
Item
Performance
M16C/62P
M16C/62PT(4)
CPU
Number of Basic Instructions
91 instructions
Minimum Instruction
Execution Time
41.7ns(f(BCLK)=24MHz, VCC1=3.3 to 5.5V)
100ns(f(BCLK)=10MHz, VCC1=2.7 to 5.5V)
41.7ns(f(BCLK)=24MHz, VCC1=4.0 to 5.5V)
Operating Mode
Single-chip mode
Address Space
1 Mbyte
Memory Capacity
See
Table 1.4 to 1.7 Product List
Peripheral
Function
Port
Input/Output : 70 pins, Input : 1 pin
Multifunction Timer
Timer A : 16 bits x 5 channels (Timer A1 and A2 are internal timer),
Timer B : 16 bits x 6 channels (Timer B1 is internal timer)
Serial Interface
2 channels
Clock synchronous, UART, I2C bus(1), IEBus(2)
1 channel
Clock synchronous, I2C bus(1), IEBus(2)
2 channels
Clock synchronous (1 channel is only transmission)
A/D Converter
10-bit A/D converter: 1 circuit, 26 channels
D/A Converter
8 bits x 2 channels
DMAC
2 channels
CRC Calculation Circuit
CCITT-CRC
Watchdog Timer
15 bits x 1 channel (with prescaler)
Interrupt
Internal: 29 sources, External: 5 sources, Software: 4 sources, Priority level: 7 levels
Clock Generation Circuit 4 circuits
Main clock generation circuit (*), Subclock generation circuit (*),
On-chip oscillator, PLL synthesizer
(*)Equipped with a built-in feedback resistor.
Oscillation Stop
Detection Function
Stop detection of main clock oscillation, re-oscillation detection function
Voltage Detection Circuit Available (option (4))Absent
Electric
Characteristics
Supply Voltage
VCC1=3.0 to 5.5 V, (f(BCLK=24MHz)
VCC1=2.7 to 5.5 V, (f(BCLK=10MHz)
VCC1=4.0 to 5.5V, (f(BCLK=24MHz)
Power Consumption
14 mA (VCC1=5V, f(BCLK)=24MHz)
8 mA (VCC1=3V, f(BCLK)=10MHz)
1.8
µA (VCC1=3V, f(XCIN)=32kHz,
wait mode)
0.7
µA (VCC1=3V, stop mode)
14 mA (VCC1=5V, f(BCLK)=24MHz)
2.0
µA (VCC1=5V, f(XCIN)=32kHz,
wait mode)
0.8
µA (VCC1=5V, stop mode)
Flash memory
version
Program/Erase Supply Voltage 3.3 ± 0.3V or 5.0 ± 0.5V
5.0 ± 0.5V
Program and Erase
Endurance
100 times (all area)
or 1,000 times (user ROM area without block A and block 1)
/ 10,000 times (block A, block 1) (3)
Operating Ambient Temperature
-20 to 85
°C,
-40 to 85
°C (3)
T version : -40 to 85
°C
V version : -40 to 125
°C
Package
80-pin plastic mold QFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com