Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3G5A2-OF201 Datasheet(PDF) 80 Page - Omron Electronics LLC

Part # 3G5A2-OF201
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-OF201 Datasheet(HTML) 80 Page - Omron Electronics LLC

Back Button 3G5A2-OF201 Datasheet HTML 76Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 77Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 78Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 79Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 80Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 81Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 82Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 83Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 84Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 182 page
background image
67
4. The maximum switching capacity of the CV500-PS211 Power Supply Unit is
2 A at 24 VDC when complying with EC Directives (low-voltage directives).
5. CV-series PCs that meet EC Directives meet the common emission stan-
dard (EN50081-2) of the EMC Directives as individual products. When as-
sembled into machinery, however, the noise generated by switching relay
outputs can fail to meet the standard. When noise is excessive, surge killers
must be installed or other measures must be taken outside of the PC. The
measures required to meet the standard will vary with the load being driven,
wiring, the configuration of the machinery, etc.
The following examples show means of reducing noise. These means will
only reduce the amount of noise and will not eliminate noise. They are pro-
vided here as examples only.
Requirement
The following conditions can be used to determine if measures to reduce noise
are necessary. Refer to the EN50081-2 Standard for details.
• If the loads of the devices into which the PC is built are switched less than 5
times a minute, then no measures need to be taken.
• If the loads of the devices into which the PC is built are switched 5 times or
more a minute, then measures need to be taken.
Examples
Connect a surge suppressor or diode in parallel with the load, as shown in the
following diagrams, when switching inductive loads.
CR Method (AC or DC)
The reset time will be increased if the load is a relay, solenoid, or similar device.
Connect the CR between the load connections for 24-V and 48-V power supply
voltages and between the contact connections for 100 to 200-V power supply
voltages.
The capacitor and resistors can be based on the following guidelines.
C:
0.5 to 1
µF for each amp of contact current
R:
0.5 to 1
Ω for each volt of contact voltage.
You will need to adjust the above values depending on the characteristics of the
load, relay, etc., based on the discharge suppression of the capacitor when the
contacts are open and the current control effect of the resistor the next time the
circuit is closed.
The dielectric strength of the capacitor generally needs to be between 200 and
300 V. Use an AC capacitor (without polarity) in an AC circuit.
Inductive load
CR
Power supply
Diode Method (DC Only)
The energy stored in the coil is impressed on the coil as a current by the action of
the parallel diode and converted to Joule heat by the resistance of the inductive
load. Here, the reset time will be increased even more than for the CR method.
Inductive Load Surge
Suppressor
Compliance with EC Directives
Section 3-6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com