Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS574MLFT Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ICS574MLFT
Description  ZERO DELAY, LOW SKEW BUFFER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS574MLFT Datasheet(HTML) 2 Page - Integrated Device Technology

  ICS574MLFT Datasheet HTML 1Page - Integrated Device Technology ICS574MLFT Datasheet HTML 2Page - Integrated Device Technology ICS574MLFT Datasheet HTML 3Page - Integrated Device Technology ICS574MLFT Datasheet HTML 4Page - Integrated Device Technology ICS574MLFT Datasheet HTML 5Page - Integrated Device Technology ICS574MLFT Datasheet HTML 6Page - Integrated Device Technology ICS574MLFT Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ICS574
ZERO DELAY, LOW SKEW BUFFER
ZDB
IDT™/ ICS™ ZERO DELAY, LOW SKEW BUFFER
2
ICS574
REV G 051310
Pin Assignment
Pin Descriptions
CLKIN
CLK1
CLK2
GND
CLK3
FBIN
1
2
3
4
8
7
6
5
CLK4
VDD
Pin
Number
Pin
Name
Pin
Type
Pin Description
1
CLKIN
Input
Clock input. Connect to input clock source.
2, 3, 6, 7
CLK1:4
Output
Clock Outputs (4).
4
GND
Power
Connect to ground.
5
VDD
Power
Power supply. Connect both pins to same voltage (either 3.3 V or 5 V).
8
FBIN
Input
Feedback input.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com