Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS663 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # ICS663
Description  PLL BUILDING BLOCK Phase detector and VCO blocks can be used Lower power CMOS process
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS663 Datasheet(HTML) 6 Page - Integrated Device Technology

  ICS663 Datasheet HTML 1Page - Integrated Device Technology ICS663 Datasheet HTML 2Page - Integrated Device Technology ICS663 Datasheet HTML 3Page - Integrated Device Technology ICS663 Datasheet HTML 4Page - Integrated Device Technology ICS663 Datasheet HTML 5Page - Integrated Device Technology ICS663 Datasheet HTML 6Page - Integrated Device Technology ICS663 Datasheet HTML 7Page - Integrated Device Technology ICS663 Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ICS663
PLL BUILDING BLOCK
PLL BUILDING BLOCK
IDT™ / ICS™ PLL BUILDING BLOCK
6
ICS663
REV E 012006
Determining the Loop Filter Values
The loop filter components consist of C1, C2, and RZ.
Calculating these values is best illustrated by an example.
Using the example in Figure 1, we can synthesize 20 MHz
from a 200 kHz input.
The phase locked loop may be approximately described by
the following equations:
Bandwidth
Damping factor,
where:
KO = VCO gain (MHz/Volt)
Icp = Charge pump current (µA)
N = Total feedback divide from VCO,
including the internal VCO post divider
C1 = Loop filter capacitor (Farads)
RZ = Loop filter resistor (Ohms)
As a general rule, the bandwidth should be at least 20 times
less than the reference frequency, i.e.,
In this example, using the above equation, bandwidth
should be less than or equal to 10 kHz. By setting the
bandwith to 10kHz and using the first equation, RZ can be
determined since all other variables are known. In the
example of Figure 1, N = 200, comprising the divide by 2 on
the chip (VCO post divider) and the external divide by 100.
Therefore, the bandwidth equation becomes:
and RZ = 25 kΩ
Choosing a damping factor of 0.7 (a minimal damping factor
than can be used to ensure fast lock time), damping factor
equation becomes:
and C1 = 1.25 nF (1.2 nF is the nearest standard value).
The capacitor C2 is used to damp transients from the
charge pump and should be approximately 1/20th the size
of C1, i.e.,
Therefore, C2 = 60 pF (56 pF nearest standard value).
To summarize, the loop filter components are:
C1 = 1.2 nf
C2 = 56 pf
Rz = 25 kΩ
RZ KO ICP
⋅⋅
(
)
2
π N
⋅
------------------------------------------
=
ζ
RZ
2
------
KO ICP C1
⋅⋅
N
------------------------------------
=
BW REFIN
() 20
⁄
≤
0,000
RZ 200 2.5
⋅⋅
2
π 200
⋅
--------------------------------------
=
.7
25 000
,
2
-------------------
200
2.5
C
⋅⋅
200
------------------------------------
=
C2 C1 20
⁄
≅



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com