Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACST1235-7G Datasheet(PDF) 7 Page - STMicroelectronics

Part # ACST1235-7G
Description  Overvoltage protected AC switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACST1235-7G Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ACST1235-7G Datasheet HTML 3Page - STMicroelectronics ACST1235-7G Datasheet HTML 4Page - STMicroelectronics ACST1235-7G Datasheet HTML 5Page - STMicroelectronics ACST1235-7G Datasheet HTML 6Page - STMicroelectronics ACST1235-7G Datasheet HTML 7Page - STMicroelectronics ACST1235-7G Datasheet HTML 8Page - STMicroelectronics ACST1235-7G Datasheet HTML 9Page - STMicroelectronics ACST1235-7G Datasheet HTML 10Page - STMicroelectronics ACST1235-7G Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
ACST12
Application information
Doc ID 15238 Rev 4
7/13
Figure 17.
Universal drum motor control – typical diagram
2.2
AC line transient voltage ruggedness
In comparison with standard Triacs, which are not robust against surge voltage, the ACST12
is self-protected against over-voltage, specified by the new parameter VCL. The ACST12
switch can safely withstand AC line transient voltages either by clamping the low energy
spikes, such as the inductive spikes at switch off, or by switching to the on state (for less
than 10 ms) to dissipate higher energy shocks through the load. This safety feature works
even with high turn-on current ramp-up.
The test circuit of Figure 18 represents the ACST12 application, and is used to stress the
ACST switch according to the IEC 61000-4-5 standard conditions. With the additional effect
of the load which is limiting the current, the ACST switch withstands the voltage spikes up to
2 kV on top of the peak line voltage. The protection is based on an overvoltage crowbar
technology. The ACST12 folds back safely to the on state as shown in Figure 19. The
ACST12 recovers its blocking voltage capability after the surge and the next zero crossing
current. Such a non repetitive test can be done at least 10 times on each AC line voltage
polarity.
Universal motor
Motor direction
setting
Speed motor
regulation
Rg
AC Mains
Stator
MCU
Vcc
12V
ACST
Rotor
MCU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com