Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACST1210-7T Datasheet(PDF) 12 Page - STMicroelectronics

Part # ACST1210-7T
Description  Overvoltage protected AC switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACST1210-7T Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ACST1210-7T Datasheet HTML 5Page - STMicroelectronics ACST1210-7T Datasheet HTML 6Page - STMicroelectronics ACST1210-7T Datasheet HTML 7Page - STMicroelectronics ACST1210-7T Datasheet HTML 8Page - STMicroelectronics ACST1210-7T Datasheet HTML 9Page - STMicroelectronics ACST1210-7T Datasheet HTML 10Page - STMicroelectronics ACST1210-7T Datasheet HTML 11Page - STMicroelectronics ACST1210-7T Datasheet HTML 12Page - STMicroelectronics ACST1210-7T Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Ordering information
ACST12
12/13
Doc ID 15238 Rev 4
5
Ordering information
6
Revision history
Table 8.
Ordering information
Order code
Marking
Package
Weight
Base qty
Packing mode
ACST1210-7T
ACST12107
TO-220AB
2.3 g
50
Tube
ACST1210-7G
D2PAK
1.5 g
50
Tube
ACST1210-7GTR
D2PAK
1.5 g
1000
Tape and reel
ACST1235-7T
ACST12357
TO-220AB
2.3 g
50
Tube
ACST1235-7G
D2PAK
1.5 g
50
Tube
ACST1235-7GTR
D2PAK
1.5 g
1000
Tape and reel
Table 9.
Document revision history
Date
Revision
Changes
02-Dec-2008
1
First issue.
13-Apr-2010
2
Updated ECOPACK statement. Reformatted for consistency with
other datasheets in this product class.
01-Jul-2010
3
Updated Figure 20.
07-Dec-2010
4
Updated Table 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com