Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VIPER25LN Datasheet(PDF) 23 Page - STMicroelectronics

Part # VIPER25LN
Description  Off-line high voltage converters
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER25LN Datasheet(HTML) 23 Page - STMicroelectronics

Back Button VIPER25LN Datasheet HTML 19Page - STMicroelectronics VIPER25LN Datasheet HTML 20Page - STMicroelectronics VIPER25LN Datasheet HTML 21Page - STMicroelectronics VIPER25LN Datasheet HTML 22Page - STMicroelectronics VIPER25LN Datasheet HTML 23Page - STMicroelectronics VIPER25LN Datasheet HTML 24Page - STMicroelectronics VIPER25LN Datasheet HTML 25Page - STMicroelectronics VIPER25LN Datasheet HTML 26Page - STMicroelectronics VIPER25LN Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
VIPER25
Operation description
Doc ID 15585 Rev 4
23/40
7.8
Double blanking time
The blanking time, TBLANK, can have two different values: the lower one is 2,5 μs (typical
value) and the higher one is 6,3
μs (typical value). The value is linked to the voltage V
ZCD,
sampled during the time TSTROBE defined as for the over voltage protection (see the
relevant Section 7.11 on page 26). The time TBLANK has the lower value if is detected VZCD
< 1V or it has the higher value if is detected VZCD > 1V, refer to Table 8 on page 8 and
Figure 30 on page 23
.
The higher value of the blanking time is normally activated during the start-up phase or in
case of output short circuit; when the output voltage of the converter is quite lower than the
regulated value. In this condition can happens that during the demagnetization of the
transformer, the VZCD is very close to the arming and triggering thresholds (VZCDAth and
VZCDTth) and the ZCD circuit can be erroneously trigged, leading the system to work at
higher frequency and in continuous mode. This false trigger is inhibited by the selection of
the higher value of TBLANK when VZCD is lower than 1 V.
During the normal operation, in steady state condition, the voltage VZCD during the
demagnetization is higher than 1V and the selected TBLANK value is the lower one. The
Figure 30
shows the typical waveforms during the power up and the linked TBLANK selection.
Figure 30.
Double TBLANK timing diagram
Vaux
1V
t
0
ZCD
(pin 3)
1. 5
0. 5
T
BL ANK
C
t
t
t
t
t
t
D
A
T
ST RO B E
6.3μs
2.5μs
F
Delay
Mosfet switched on by the starter
Quasi Resonant Operation
lim
OSC
F
4
t
0.8V
0. 6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com