Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2852 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM2852
Description  Input Voltage Range of 2.85 to 5.5V, Factory EEPROM Set OUTPUT Voltages from 0.8V to 3.3V in 100mV increments
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2852 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM2852 Datasheet HTML 9Page - Texas Instruments LM2852 Datasheet HTML 10Page - Texas Instruments LM2852 Datasheet HTML 11Page - Texas Instruments LM2852 Datasheet HTML 12Page - Texas Instruments LM2852 Datasheet HTML 13Page - Texas Instruments LM2852 Datasheet HTML 14Page - Texas Instruments LM2852 Datasheet HTML 15Page - Texas Instruments LM2852 Datasheet HTML 16Page - Texas Instruments LM2852 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
CSS
PVIN
AVIN
EN
SS
SGND
PGND
SNS
SW
LM2852
+
VOUT = 1.8V
ILOAD = 0A to 2A
LO
CIN
VIN = 3.3V
Cf
Rf
CINX
CO
U1
LM2852
www.ti.com
SNVS325D – JANUARY 2005 – REVISED APRIL 2013
2. All ground connections must be tied together. Use a broad ground plane, for example a completely filled
back plane, to establish the lowest resistance possible between all ground connections.
3. The sense pin connection should be made as close to the load as possible so that the voltage at the load is
the expected regulated value. The sense line should not run too close to nodes with high EMI (such as the
switch node) to minimize interference.
4. The switch node connections should be low resistance to reduce power losses. Low resistance means the
trace between the switch pin and the inductor should be wide. However, the area of the switch node should
not be too large since EMI increases with greater area. So connect the inductor to the switch pin with a short,
but wide trace. Other high current connections in the application such as PVIN and VOUT assume the same
trade off between low resistance and EMI.
5. Allow area under the chip to solder the entire exposed die attach pad to ground for improved thermal and
electrical performance.
LM2852 Example Circuit Schematic
Figure 15.
Table 4. Bill of Materials for 500kHz (LM2852Y) 3.3VIN to 1.8 VOUT Conversion
ID
Part Number
Type
Size
Parameters
Qty
Vendor
U1
LM2852YMXA-1.8
2A Buck
HTSSOP-14
1
TI
LO
DO3316P-153
Inductor
15 µH
1
Coilcraft
CO*
595D107X_6R3C2T
Capacitor
Case Code “C”
100 µF ±20%
1
Vishay-Sprague
CIN
GRM32ER60J476ME20B
Capacitor
1210
47µF/X5R/6.3V
1
Murata
CINX
GRM21BR71C105KA01B
Capacitor
0805
1µF/X7R/16V
1
Murata
CSS
VJ0805Y272KXXA
Capacitor
0805
2.7nF ±10%
1
Vishay-Vitramon
Rf
CRCW060310R0F
Resistor
0603
10
Ω ±10%
1
Vishay-Dale
Cf
GRM21BR71C105KA01B
Capacitor
0805
1µF/X7R/16V
1
Murata
Table 5. Bill of Materials for 1500kHz (LM2852X) 3.3V to 1.8V Conversion
ID
Part Number
Type
Size
Parameters
Qty
Vendor
U1
LM2852XMXA-1.8
2A Buck
HTSSOP-14
1
TI
L0
DO1813P-102HC
Inductor
1 µH
1
Coilcraft
C0
GRM32DR61E106K
Capacitor
1210
10 µF/X5R/25V
1
Murata
CIN
GRM32ER60J476ME20B
Capacitor
1210
47µF/X5R/6.3V
1
Murata
CINX
GRM21BR71C105KA01B
Capacitor
0805
1µF/X7R/16V
1
Murata
CSS
VJ0805Y272KXXA
Capacitor
0805
2.7nF ±10%
1
Vishay-Vitramon
Rf
CRCW060310R0F
Resistor
0603
10
Ω ±10%
1
Vishay-Dale
Cf
GRM21BR71C105KA01B
Capacitor
0805
1µF/X7R/16V
1
Murata
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM2852



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com