Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1G32 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # 74LVC1G32
Description  SINGLE 2 INPUT POSITIVE OR GATE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC1G32 Datasheet(HTML) 4 Page - Diodes Incorporated

  74LVC1G32 Datasheet HTML 1Page - Diodes Incorporated 74LVC1G32 Datasheet HTML 2Page - Diodes Incorporated 74LVC1G32 Datasheet HTML 3Page - Diodes Incorporated 74LVC1G32 Datasheet HTML 4Page - Diodes Incorporated 74LVC1G32 Datasheet HTML 5Page - Diodes Incorporated 74LVC1G32 Datasheet HTML 6Page - Diodes Incorporated 74LVC1G32 Datasheet HTML 7Page - Diodes Incorporated 74LVC1G32 Datasheet HTML 8Page - Diodes Incorporated 74LVC1G32 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
74LVC1G32
SINGLE 2 INPUT POSITIVE OR GATE
74LVC1G32
Document number: DS32200 Rev. 6 - 2
4 of 12
www.diodes.com
February 2012
© Diodes Incorporated
Electrical Characteristics (All typical values are at VCC = 3.3V, TA = 25°C)
Symbol
Parameter
Test Conditions
VCC
-40ºC to 85ºC
-40ºC to 125ºC
Unit
Min
Typ.
Max
Min
Max
VOH
High Level
Output
Voltage
IOH = -100μA
1.65V to 5.5V
VCC – 0.1
VCC – 0.1
V
IOH = -4mA
1.65V
1.2
0.95
IOH = -8mA
2.3V
1.9
1.7
IOH = -16mA
3V
2.4
2.2
IOH = -24mA
2.3
2.0
IOH = -32mA
4.5V
3.8
3.4
VOL
Low Level
Output
Voltage
IOL = 100μA
1.65V to 5.5V
0.1
0.1
V
IOL = 4mA
1.65V
0.45
0.7
IOL = 8mA
2.3V
0.3
0.45
IOL = 16mA
3V
0.4
0.6
IOL = 24mA
0.55
0.8
IOL = 32mA
4.5V
0.55
.8
II
Input Current VI = 5.5 V or GND
0 to 5.5V
± 0.1
±5
± 100
μA
IOFF
Power Down
Leakage
Current
VI or VO = 5.5V
0V
±10
±200
μA
ICC
Supply
Current
VI = 5.5V or GND
IO=0
5.5V
0.1
10
200
μA
ΔICC
Additional
Supply
Current
One input at VCC –
0.6V Other inputs at
VCC or GND
3V to 5.5V
500
5000
μA
Ci
Input
Capacitance
Vi = VCC – or GND
3.3V
5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com