Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV70233DBVR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLV70233DBVR
Description  300-mA, Low-IQ, Low-Dropout Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV70233DBVR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV70233DBVR Datasheet HTML 6Page - Texas Instruments TLV70233DBVR Datasheet HTML 7Page - Texas Instruments TLV70233DBVR Datasheet HTML 8Page - Texas Instruments TLV70233DBVR Datasheet HTML 9Page - Texas Instruments TLV70233DBVR Datasheet HTML 10Page - Texas Instruments TLV70233DBVR Datasheet HTML 11Page - Texas Instruments TLV70233DBVR Datasheet HTML 12Page - Texas Instruments TLV70233DBVR Datasheet HTML 13Page - Texas Instruments TLV70233DBVR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
t =
(120
R )
(120+R )
L
L
·
· COUT
TLV702xx
SLVSAG6B
– SEPTEMBER 2010 – REVISED FEBRUARY 2011
www.ti.com
APPLICATION INFORMATION
The
TLV702xx
belongs
to
a
new
family
of
BOARD LAYOUT RECOMMENDATIONS TO
next-generation value LDO regulators. These devices
IMPROVE PSRR AND NOISE PERFORMANCE
consume low quiescent current and deliver excellent
Input and output capacitors should be placed as
line
and
load
transient
performance.
These
close to the device pins as possible. To improve ac
characteristics, combined with low noise and very
performance such as PSRR, output noise, and
good PSRR with little (VIN – VOUT) headroom, make
transient response, it is recommended that the board
this
family
of
devices
ideal
for
portable
RF
be designed with separate ground planes for VIN and
applications. This family of regulators offers current
VOUT, with the ground plane connected only at the
limit
and
thermal
protection,
and
is
specified
GND pin of the device. In addition, the ground
from
–40°C to +125°C.
connection
for
the
output
capacitor
should
be
connected directly to the GND pin of the device. High
INPUT AND OUTPUT CAPACITOR
ESR capacitors may degrade PSRR performance.
REQUIREMENTS
1.0-
μF X5R- and X7R-type ceramic capacitors are
INTERNAL CURRENT LIMIT
recommended
because
these
capacitors
have
The TLV702xx internal current limit helps to protect
minimal variation in value and equivalent series
the regulator during fault conditions. During current
resistance (ESR) over temperature.
limit, the output sources a fixed amount of current
However, the TLV702xx is designed to be stable with
that is largely independent of the output voltage. In
an effective capacitance of 0.1
μF or larger at the
such a case, the output voltage is not regulated, and
output. Thus, the device is stable with capacitors of
is VOUT = ILIMIT × RLOAD. The PMOS pass transistor
other dielectric types as well, as long as the effective
dissipates (VIN – VOUT) × ILIMIT until thermal shutdown
capacitance
under
operating
bias
voltage
and
is triggered and the device turns off. As the device
temperature is greater than 0.1
μF. This effective
cools, it is turned on by the internal thermal shutdown
capacitance refers to the capacitance that the LDO
circuit. If the fault condition continues, the device
sees under operating bias voltage and temperature
cycles between current limit and thermal shutdown.
conditions; that is, the capacitance after taking both
See the Thermal Information section for more details.
bias
voltage
and
temperature
derating
into
The PMOS pass element in the TLV702xx has a
consideration. In addition to allowing the use of
built-in body diode that conducts current when the
lower-cost dielectrics, this capability of being stable
voltage at OUT exceeds the voltage at IN. This
with 0.1-
μF effective capacitance also enables the
current is not limited, so if extended reverse voltage
use of smaller footprint capacitors that have higher
operation is anticipated, external limiting to 5% of the
derating in size- and space-constrained applications.
rated output current is recommended.
NOTE: Using a 0.1-
μF rated capacitor at the output
of the LDO does not ensure stability because the
SHUTDOWN
effective capacitance under the specified operating
The enable pin (EN) is active high. The device is
conditions would be less than 0.1
μF. Maximum ESR
enabled when voltage at EN pin goes above 0.9V.
should be less than 200 m
Ω.
This relatively lower value of voltage required to turn
Although an input capacitor is not required for
the LDO on can be exploited to power the LDO with a
stability, it is good analog design practice to connect
GPIO of recent processors whose GPIO Logic 1
a 0.1-
μF to 1.0-μF, low ESR capacitor across the IN
voltage level is lower than traditional microcontrollers.
pin and GND pin of the regulator. This capacitor
The device is turned off when the EN pin is held at
counteracts reactive input sources and improves
less than 0.4V. When shutdown capability is not
transient
response,
noise
rejection,
and
ripple
required, EN can be connected to the IN pin.
rejection. A higher-value capacitor may be necessary
The TLV702xxP version has internal active pull-down
if large, fast rise-time load transients are anticipated,
circuitry that discharges the output with a time
or if the device is not located close to the power
constant of:
source. If source impedance is more than 2
Ω, a
0.1-
μF input capacitor may be necessary to ensure
stability.
where:
•
RL = Load resistance
•
COUT = Output capacitor
(1)
10
Submit Documentation Feedback
© 2010–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com