Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM9211 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # PCM9211
Description  Integrated DIX, ADC, and Signal Routing: ??Asynchronous Operation (DIR, DIT, ADC) ??Mux and Routing of PCM Data: ??I2S?? Left-Justified, Right-Justified
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM9211 Datasheet(HTML) 21 Page - Texas Instruments

Back Button PCM9211 Datasheet HTML 17Page - Texas Instruments PCM9211 Datasheet HTML 18Page - Texas Instruments PCM9211 Datasheet HTML 19Page - Texas Instruments PCM9211 Datasheet HTML 20Page - Texas Instruments PCM9211 Datasheet HTML 21Page - Texas Instruments PCM9211 Datasheet HTML 22Page - Texas Instruments PCM9211 Datasheet HTML 23Page - Texas Instruments PCM9211 Datasheet HTML 24Page - Texas Instruments PCM9211 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 121 page
background image
2048/f min
S
ADDIS
SynchronousClocks
SynchronousClocks
SCK
BCK
LRCK
tADCDLY2
powerdown
1024SCKIx
Internal
Reset
NormalOperation
NormalOperation
DOUT
ZERO
t
ADCDLY1
2048/f
S
t
ADCDLY2
1936/f
S
1936/f
S
FadeOut
FadeIn
PCM9211
www.ti.com
SBAS495 – JUNE 2010
Additional ADC Functions
The onboard ADC has some additional functions. Control of these functions is done using several registers
(Register 40h through Register 49h).
Each ADC channel has a digital attenuator function. The level of attenuation can be set from 20 dB to –100 dB in
0.5-dB steps, and also set to infinite attenuation (mute). By default, the digital gain/attenuation is moved 0.5-dB
steps closer from its current level to its new setting only when the sampled output crosses zero (zero crossing).
Changing gain or attenuation at zero crossing points in the audio minimizes zipper noise.
If zero crossing is disabled, then the gain steps ±0.5 dB towards its target every 8/fS. Zero crossing detection is
modified using the ADZCDD register. If zero crossing is not detected for 512/fS (for example, if there is a
significant dc bias on the signal), then the level change is done on every samples (1/fS) until zero crossing is
detected again.
If updated volume change instructions are received during a volume change, they will be ignored until the current
change is complete.
The attenuation level for each channel can be set individually using the following formula:
Attenuation Level (dB) = 0.5
● (AT1x[7:0]DEC – 215), where AT1x[7:0]DEC = 0 through 255
For ADATTL[7:0]DEC = 0 through 14, attenuation is set to infinite attenuation (mute).
For ADATTR[7:0]DEC = 0 through 14, attenuation is set to infinite attenuation (mute).
ADC: Power Down and Power Up
If synchronization is maintained among SCKI, BCK, and LRCK, the DOUT from the ADC is enabled and a
fade-in begins tADCDLY1 = 2048/fS after the internal reset is released. DOUT then starts to output data
corresponding to VINL and VINR after tADCDLY2 = 1936/fS from the start of fade-in. If synchronization is not
maintained, the internal reset is not released, and the ADC is held in reset. After resynchronization, the ADC
begins its fade-in operation after internal initialization and an initial delay. During fade-in (tADCDLY1 + tADCDLY2) and
fade-out (tADCDLY2), SCKI, BCK, and LRCK must be provided. Figure 14 illustrates the ADC output sequence at
power up and power down.
Figure 14. ADC Output at Power Up and Power Down
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): PCM9211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com