Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GL830 Datasheet(PDF) 3 Page - GENESYS LOGIC

Part # GL830
Description  USB 2.0 / PATA / SATA Bridge Controller Product Overview
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL830 Datasheet(HTML) 3 Page - GENESYS LOGIC

  GL830_12 Datasheet HTML 1Page - GENESYS LOGIC GL830_12 Datasheet HTML 2Page - GENESYS LOGIC GL830_12 Datasheet HTML 3Page - GENESYS LOGIC GL830_12 Datasheet HTML 4Page - GENESYS LOGIC GL830_12 Datasheet HTML 5Page - GENESYS LOGIC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
GL830 Product Overview
©2012 Genesys Logic, Inc. - All rights reserved.
Page 3
GENERAL DESCRIPTION
The GL830 is a highly-compatible, low cost USB 2.0 / PATA to SATA bridge controller, which integrates
Genesys Logic own design high speed UTMI (USB 2.0 Transceiver Macrocell Interface) transceiver/receiver
and Serial ATA PHY. As a one-chip solution which complies with Universal Serial Bus specification rev. 2.0
and Serial ATA specification rev. 2.6. There are totally 4 endpoints in the GL830 controller, Control (0), Bulk In
(1), Bulk Out (2), and Interrupt (3). By complies with the USB Storage Class specification ver.1.0 (Bulk only
protocol), the GL830 can support not only plug and play but also Windows Vista/ XP/ 2000/ ME default driver.
The GL830 uses 25MHz crystal and slew-rate controlled pads to reduce the EMI issue.
GL830 provides four package types –LQFP 48 pin (7x7mm), LQFN 46 pin (4.5x6.5mm), LQFP 64 pin (7x7mm)
& LQFP 128 pin (14x14mm) for different target applications.
1. LQFP 48 pin package provides basic USB to SATA bridge function to fit standard USB 2.0 high speed
storage class applications such as SATA HDD and ODD enclosure. It provides the best cost / performance
solution in industry. In terms of cost, GL830 features on-chip 5V to 3.3V regulator and low pin count
package to minimize overall system cost. In terms of performance, GL830 provides industry-leading data
read / write speed and latency that powered by internal turbo 8051 micro processor. In terms of power
consumption, GL830 features low-power mixed signal design to reduce silicon operating current. It also
provides various power management options for system designer to reduce system level power
consumption.
2. LQFN 46 pin package provides the same function / performance as LQFP 48 pin. It features smaller silicon
foot print and lower silicon operating temperature, which is perfect for mechanical limited PCB design.
3. LQFP 64 pin (A) provides an additional SATA differential pair that enables USB / E-SATA (External
SATA) to SATA function for HDD enclosures with both USB and E-SATA port. It features on-chip SATA
switch that provides both E-SATA to SATA and USB to SATA data path in one single chip.
4. LQFP 64 pin (B) supports dual LUN operation. It can connect to one ATA device and one SATA device. Main
application is USB to PATA & SATA Combo Devices
5. LQFP 128 pin integrates USB, PATA and SATA interface into one single chip. PATA interface can be
configured as host or device that meet system requirement of various applications. For example, when
PATA is in device mode, GL830 can be connected to embedded system’s legacy IDE port to serve as a
multi-IO bridge for USB and SATA connection. When PATA is in host mode, GL830 is a USB to PATA
and SATA bridge that enable concurrent data transfer on both USB to PATA and USB to SATA path.
Table 1.1 - 48/46/64/128 pin feature comparison
Applications
48 pin
LQFP
46 pin
LQFN
64 pin
LQFP (A)
64 pin
LQFP (B)
128 pin
LQFP
USB host to SATA HDD / ODD
■
■
■
■
■
USB / E-SATA host to SATA HDD
■
■
USB / E-SATA / PATA host to SATA HDD
■
USB host to PATA + SATA HDD
■
■



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com