Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43330 Datasheet(PDF) 6 Page - EPCOS

Part # B43330
Description  Aluminum electrolytic capacitors Capacitors with screw terminals
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43330 Datasheet(HTML) 6 Page - EPCOS

Back Button B43330 Datasheet HTML 2Page - EPCOS B43330 Datasheet HTML 3Page - EPCOS B43330 Datasheet HTML 4Page - EPCOS B43330 Datasheet HTML 5Page - EPCOS B43330 Datasheet HTML 6Page - EPCOS B43330 Datasheet HTML 7Page - EPCOS B43330 Datasheet HTML 8Page - EPCOS B43330 Datasheet HTML 9Page - EPCOS B43330 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
B43310, B43330
Standard industrial 标准工业
标准工业
标准工业
标准工业 – 85 ˚C
Please read Cautions
& warnings and Important notes at the end of this document.
请阅读本文件结尾部分的
敬告和警告及重要事项.
Published by EPCOS (Xiamen) Co., Ltd
厦门 EPCOS 有限公司发行
Page 6 of 13
Technical data and ordering codes 技术参数和订货号
技术参数和订货号
技术参数和订货号
技术参数和订货号
Composition of ordering code 订货号的编码规则
订货号的编码规则
订货号的编码规则
订货号的编码规则
* = Mounting style 安装方式
1 = for capacitors with ring clip/clamp mounting 电容器采用开口环/夹安装
3 = for capacitors with threaded stud 电容器采用底部带螺栓
CR
120 Hz
20 ˚C
µF
Case
dimensions
d × l
mm
ESRtyp
120 Hz
20 ˚C
m
IAC,max
120 Hz
40 ˚C
A
IAC,R
120 Hz
85 ˚C
A
Ordering code 订货号
(composition see
below)
VR = 400 V DC
2200
51.6 × 130
87
17.3
6.5
B433*0A9228M000
2200
64.3 × 96
87
17.0
6.4
B433*0C9228M000
2700
64.3 × 96
71
18.9
7.1
B433*0A9278M000
3300
64.3 × 115
58
22.6
8.5
B433*0A9338M000
3900
64.3 × 130
49
25.8
9.7
B433*0A9398M000
4700
76.9 × 115
41
28.5
10.7
B433*0A9478M000
5600
76.9 × 130
34
32.5
12.2
B433*0A9568M000
6800
76.9 × 155
28
38.8
14.6
B433*0A9688M000
8200
91.0 × 157
23
44.7
16.8
B433*0A9828M000
10000
91.0 × 157
19
49.2
18.5
B433*0A9109M000
12000
91.0
× 196
16
59.6
22.4
B433*0A9129M000
15000
91.0 × 220
13
69.7
26.2
B433*0A9159M000
VR = 450 V DC
1800
51.6 × 130
102
16.0
6.0
B433*0A5188M000
2200
64.3 × 96
83
17.3
6.5
B433*0A5228M000
2700
64.3 × 115
68
20.7
7.8
B433*0A5278M000
3300
64.3 × 130
55
24.2
9.1
B433*0A5338M000
3900
76.9 × 115
49
25.8
9.7
B433*0A5398M000
4700
76.9 × 130
41
29.8
11.2
B433*0A5478M000
5600
76.9 × 155
34
35.4
13.3
B433*0A5568M000
6800
91.0 × 157
28
40.7
15.3
B433*0A5688M000
8200
91.0 × 157
23
44.7
16.8
B433*0A5828M000
10000
91.0 × 196
19
54.3
20.4
B433*0A5109M000
12000
91.0 × 220
16
62.5
23.5
B433*0A5129M000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com