Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLD-AP72 Datasheet(PDF) 10 Page - Cree, Inc

Part # CLD-AP72
Description  Cree® XLamp® A19 Reference Overview
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLD-AP72 Datasheet(HTML) 10 Page - Cree, Inc

Back Button CLD-AP72 Datasheet HTML 4Page - Cree, Inc CLD-AP72 Datasheet HTML 5Page - Cree, Inc CLD-AP72 Datasheet HTML 6Page - Cree, Inc CLD-AP72 Datasheet HTML 7Page - Cree, Inc CLD-AP72 Datasheet HTML 8Page - Cree, Inc CLD-AP72 Datasheet HTML 9Page - Cree, Inc CLD-AP72 Datasheet HTML 10Page - Cree, Inc CLD-AP72 Datasheet HTML 11Page - Cree, Inc CLD-AP72 Datasheet HTML 12Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
XLamp a19 RefeRence Design
Copyright © 2011-2012 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered
trademarks of Cree, Inc. For product specifications, please see the data sheets available at www.cree.com. For warranty information, please contact Cree Sales at sales@cree.com.
Figure 5: LED configurations for a 60-W-equivalent, non-directional LED lamp
Running at these space-constrained and elevated temperatures, it takes eight XP-E HEW LEDs from the R2 flux bin,
driven at 350 mA to deliver 810 lumens, at 12 watts of power with an efficacy of almost 68 lm/W. The single CXA2011
from the J flux bin, running at 250 mA delivers improved performance: 814 lumens, 11.3 watts and over 72 lm/W.
impLementAtiOns And AnALysis
The most thorough analysis of a cree leD a19 bulb comes from a collaboration with marvell Semiconductor (www.
marvell.com). The 40-watt-equivalent leD replacement lamp uses four cree Xp-e Hew leDs and marvell’s 88em8081
pFc controller. The system delivers 475 lumens at 3000 °K ccT, consuming 7.5 watts of power.6 This implementation is
in good correspondence with the pcT analysis in Figure 3.
6
Details on this design are available at www.marvell.com/green-technology/Marvell_Cree_A19LED_Reference_Bulb_platform_
brief_PB001.pdf



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com