Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF3233 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # REF3233
Description  4ppm/째C, 100關A, SOT23-6 SERIES VOLTAGE REFERENCE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF3233 Datasheet(HTML) 8 Page - Texas Instruments

Back Button REF3233 Datasheet HTML 4Page - Texas Instruments REF3233 Datasheet HTML 5Page - Texas Instruments REF3233 Datasheet HTML 6Page - Texas Instruments REF3233 Datasheet HTML 7Page - Texas Instruments REF3233 Datasheet HTML 8Page - Texas Instruments REF3233 Datasheet HTML 9Page - Texas Instruments REF3233 Datasheet HTML 10Page - Texas Instruments REF3233 Datasheet HTML 11Page - Texas Instruments REF3233 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
200
150
100
50
0
-50
-100
-150
-200
0
400
200
600
800
1000
1200
Time(Hours)
1
2
3
6
5
4
+2.5V
0.47 F
m
+5V
V
BANDGAP
Vbe
1
-
+
Vbe
2
-
+
R
1
Q
2
N
Q
1 I
REF3212, REF3220
REF3225, REF3230
REF3233, REF3240
SBVS058C
– JUNE 2005 – REVISED AUGUST 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, ILOAD = 0mA, VIN = +5V power supply, and REF3225 used for typical characteristics, unless otherwise noted.
LONG-TERM STABILITY
(32 Units)
Figure 19.
THEORY OF OPERATION
GENERAL DESCRIPTION
APPLICATION INFORMATION
The REF32xx is a family of CMOS, precision
The REF32xx does not require a load capacitor and
bandgap voltage references. Figure 20 shows the
is stable with any capacitive load. Figure 21 shows
basic bandgap topology. Transistors Q1 and Q2 are
typical connections required for operation of the
biased so that the current density of Q1 is greater
REF32xx. A supply bypass capacitor of 0.47
μF is
than
that
of
Q2. The difference of the two
recommended.
base-emitter voltages (Vbe1 – Vbe2) has a positive
temperature coefficient and is forced across resistor
R1. This voltage is amplified and added to the
base-emitter voltage of Q2, which has a negative
temperature coefficient. The resulting output voltage
is virtually independent of temperature.
Figure 21. Typical Operating Connections for the
REF3225
SUPPLY VOLTAGE
The REF32xx family of references features an
extremely low dropout voltage. With the exception of
the
REF3212,
which
has
a
minimum
supply
requirement
of
1.8V,
these
references
can
be
operated with a supply of only 5mV above the output
Figure 20. Simplified Schematic of Bandgap
voltage
in
an
unloaded
condition.
For
loaded
Reference
conditions, a typical dropout voltage versus load is
shown in the Typical Characteristic curves.
8
Copyright
© 2005–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com