Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSTCE12M0G55Z-R0 Datasheet(PDF) 10 Page - Murata Manufacturing Co., Ltd.

Part # CSTCE12M0G55Z-R0
Description  Ceramic Resonators (CERALOCKr)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CSTCE12M0G55Z-R0 Datasheet(HTML) 10 Page - Murata Manufacturing Co., Ltd.

Back Button CSTCE12M0G55Z-R0 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. CSTCE12M0G55Z-R0 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. CSTCE12M0G55Z-R0 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. CSTCE12M0G55Z-R0 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. CSTCE12M0G55Z-R0 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. CSTCE12M0G55Z-R0 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. CSTCE12M0G55Z-R0 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. CSTCE12M0G55Z-R0 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. CSTCE12M0G55Z-R0 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
Continued from the preceding page.
M
3.7±0.2
1.3±0.1
(0.5)
(3)
0.4±0.2
0.5±0.3
0.5±0.3
0.5±0.3
0.4±0.2
0.5±0.2
(0.5)
(1)
(0.5)
(2)
1.6±0.2
1.85±0.3
1.6±0.2
Terminals (1) and (3) are
interchangeable.
Terminal (2) should be soldered
only to fix the resonator onto PCB
Terminal (2) should be electrically
floating so it cannot be connected
anywhere.
(in mm)
Thickness varies
with frequency.
∗: EIAJ Monthly Code
CSACV_X_Q
20.01-70.00MHz
M
3.7±0.2
1.3±0.1
(0.7)
(3)
0.4±0.2
0.5±0.3
0.5±0.3
0.5±0.3
0.4±0.2
0.5±0.2
(0.7)
(1)
(0.9)
(2)
1.6±0.2
1.85±0.3
1.6±0.2
(in mm)
Thickness varies
with frequency and
built-in capacitance.
∗: EIAJ code
CSTCV_X_Q
20.01-70.00MHz
Part Number
Oscillating
Frequency
(MHz)
Initial
Tolerance
Temperature Stability
(%)
Temperature
Range
(°C)
CSTCC_G_A
2.00 to 3.99
±0.5%
±0.4 [-0.6% to +0.3%:Built-in Capacitance 47pF type within Freq.2.00 to 3.49MHz]
-40 to 125
CSTCR_G_B
4.00 to 7.99
±0.5%
±0.15
-40 to 125
CSTCE_G_A
8.00 to 13.99
±0.5%
±0.2
-40 to 125
CSTCE_V_C
14.00 to 20.00
±0.5%
±0.15
-40 to 125
CSACV_X_Q
20.01 to 70.00
±0.5%
±0.3
-40 to 125
CSTCV_X_Q
20.01 to 70.00
±0.5%
±0.3
-40 to 125
Irregular or stopped oscillation may occur under unmatched circuit conditions. Please check the actual conditions prior to use.
Rf
Rd
VDD
C1
C2
To Frequency Counter
(1)
(3)
(2)
c Oscillation Frequency Measuring Circuit
CSTCC_G_A
VDD
Rf
To Frequency Counter
5pF
1M
Ω
Rd
C1
C2
(1)
(3)
(2)
CSTCE_G_A/CSTCE_V_C/CSTCR_G_B/CSTCV_X_Q
VDD
Rf
CL1
CL2
To Frequency Counter
22μF
0.01μF
+
CSACV_X_Q
P16E.pdf
Nov.22,2012
8
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com