Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN-1908 Datasheet(PDF) 2 Page - Texas Instruments

Part # AN-1908
Description  The LM2842 is a PWM DC/DC buck (step-down) regulator.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AN-1908 Datasheet(HTML) 2 Page - Texas Instruments

  AN-1908 Datasheet HTML 1Page - Texas Instruments AN-1908 Datasheet HTML 2Page - Texas Instruments AN-1908 Datasheet HTML 3Page - Texas Instruments AN-1908 Datasheet HTML 4Page - Texas Instruments AN-1908 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
FB
GND
SW
CB
SHDN
LM2842
VOUT
VIN
L1
D1
RFB1
RFB2
VIN
CBOOT
CIN2
COUT2
CIN
VIN
U1
CFB
COUT
GND2
GND1
SW
OFF
ON
2
4
5
3
6
1
VIN
2
1
3
30080901
Evaluation Board Schematic
www.ti.com
5
Evaluation Board Schematic
Figure 1. LM2842 Evaluation Board Schematic
6
Bill of Materials
Table 1. Bill of Materials (BOM)
ID
Part Number
Type
Size
Parameters
Qty
Vendor
U1
LM2842
Buck Regulator
SOT-6
1
Texas
Instruments
L1
DO3308P-153MLD
Inductor
3308
15 µH, 2.0A
1
Coilcraft
D1
MA2YD2600L
Diode
SOD-123
60V, 800 mA
1
Panasonic
CIN
GRM31CR71H225KA88
Capacitor
1206
2.2 µF, 50V
1
Murata
CIN2
OPEN
COUT
GRM32ER60J476ME20
Capacitor
1210
47 µF, 6.3V
1
Murata
COUT2
OPEN
CFB
OPEN
CBOOT
VJ0805Y154KXXA
Capacitor
0805
0.15 µF
1
Vishay/Vitramo
n
RFB1
CRCW08053K40FKEA
Resistor
0805
3.4 k
Ω
1
Vishay
RFB2
CRCW08051K02FKEA
Resistor
0805
1.02 k
Ω
1
Vishay
ON/OFF
1X3 header
HDR1X3
0.100 Spacing
1
ON/OFF*
382811-6
Shunt
1
Tyco/Amp
VIN, VOUT,
1502-2
Test Post
TP 1502
5
Keystone
GND1, GND2,
SW
2
AN-1908 LM2842 Evaluation Board
SNVA377D – March 2009 – Revised April 2013
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com