Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP4086APZ Datasheet(PDF) 14 Page - Intersil Corporation

Part # HIP4086APZ
Description  80V, 500mA, 3-Phase MOSFET Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP4086APZ Datasheet(HTML) 14 Page - Intersil Corporation

Back Button HIP4086APZ Datasheet HTML 8Page - Intersil Corporation HIP4086APZ Datasheet HTML 9Page - Intersil Corporation HIP4086APZ Datasheet HTML 10Page - Intersil Corporation HIP4086APZ Datasheet HTML 11Page - Intersil Corporation HIP4086APZ Datasheet HTML 12Page - Intersil Corporation HIP4086APZ Datasheet HTML 13Page - Intersil Corporation HIP4086APZ Datasheet HTML 14Page - Intersil Corporation HIP4086APZ Datasheet HTML 15Page - Intersil Corporation HIP4086APZ Datasheet HTML 16Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
HIP4086, HIP4086A
14
Intersil products are manufactured, assembled and tested utilizing ISO9000 quality systems as noted
in the quality certifications found at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time
without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be
accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third
parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN4220.9
February 1, 2013
For additional products, see www.intersil.com/product_tree
About Intersil
Intersil Corporation is a leader in the design and manufacture of high-performance analog, mixed-signal and power management
semiconductors. The company's products address some of the fastest growing markets within the industrial and infrastructure,
personal computing and high-end consumer markets. For more information about Intersil or to find out how to become a member of
our winning team, visit our website and career page at www.intersil.com.
For a complete listing of Applications, Related Documentation and Related Parts, please see the respective product information page.
Also, please check the product information page to ensure that you have the most updated datasheet: HIP4086, HIP4086A
To report errors or suggestions for this datasheet, please go to: www.intersil.com/askourstaff
Reliability reports are available from our website at: http://rel.intersil.com/reports/search.php
Revision History
The revision history provided is for informational purposes only and is believed to be accurate, but not warranted. Please go to web to make
sure you have the latest Rev.
DATE
REVISION
CHANGE
January 28, 2013
FN4220.9
Corrected following typo in the second paragraph of page 1:
From: (0.5ms to 4.5ms)
To: (0.5µs to 4.5µs)
September 27, 2012
FN4220.8
Removed evaluation board from “Ordering Information” and “Related Literature” since it is inactive.
June 1, 2011
FN4220.7
Added alternate parameters for HIP4086A in DC Electrical Specifications Table Supply Currents on page 5.
Added to Charge Pump Figures 10 and 11 in Typical Performance Curves "HIP4086 Only"
March 18, 2011
-Converted to new Intersil datasheet template.
-Changed Title from "80V, 500mA, 3-Phase Driver" to "80V, 500mA, 3-Phase MOSFET Driver".
-Rewrote description on page 1 by adding HIP4086A and stating the differences between parts.
-Updated “Ordering Information” on page 4 by adding part number HIP4086AABZ and Eval Board. Added MSL
note. Removed obsolete part HIP4086AP.
-Updated “TYPICAL APPLICATION” on page 1.
-Added “CHARGE PUMP OUTPUT CURRENT” on page 1.
-Updated “Features” and “Applications” section on page 1.
-Added “Related Literature” on page 1.
-Updated “Block Diagram” on page 2 by adding color and notes.
-Updated “Thermal Information” and notes on page 5.
-Added “Boldface limits apply..” to common conditions of Electrical Specifications tables. Added Note 9 to MIN
and MAX columns of Electrical Specifications tables.
-Updated all timing diagrams for better clarification on page 7.
-Added “Functional Description”, “Application Information” and “General PCB Layout Guidelines” sections
beginning on page 10.
-Updated Package Outline Drawing M24.3 by removing table listing dimensions and putting dimensions on
drawing. Added Land Pattern.
-Added “Revision History” and “About Intersil” to page 14.
July 26, 2004
FN4220.6
Added Pb-Free parts to “Ordering Information” on page 4.
February 18, 2003
FN4220.5
Revised “Pin Descriptions” on page 3.
Revised “Low Level Input Current” specs on page 6.
May, 1999
FN4220.4
Initial Release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com