Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM3359 Datasheet(PDF) 97 Page - Texas Instruments

Part # AM3359
Description  Sitara??AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3359 Datasheet(HTML) 97 Page - Texas Instruments

Back Button AM3359_13 Datasheet HTML 93Page - Texas Instruments AM3359_13 Datasheet HTML 94Page - Texas Instruments AM3359_13 Datasheet HTML 95Page - Texas Instruments AM3359_13 Datasheet HTML 96Page - Texas Instruments AM3359_13 Datasheet HTML 97Page - Texas Instruments AM3359_13 Datasheet HTML 98Page - Texas Instruments AM3359_13 Datasheet HTML 99Page - Texas Instruments AM3359_13 Datasheet HTML 100Page - Texas Instruments AM3359_13 Datasheet HTML 101Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 236 page
background image
AM3359, AM3358, AM3357
AM3356, AM3354, AM3352
www.ti.com
SPRS717F – OCTOBER 2011 – REVISED APRIL 2013
3.5
Touchscreen Controller and Analog-to-Digital Subsystem Electrical Parameters
The touchscreen controller (TSC) and analog-to-digital converter (ADC) subsystem (TSC_ADC) is an 8-channel
general-purpose ADC with optional support for interleaving TSC conversions for 4-wire, 5-wire, or 8-wire resistive
panels. The TSC_ADC subsystem can be configured for use in one of the following applications:
•
8 general-purpose ADC channels
•
4-wire TSC with 4 general-purpose ADC channels
•
5-wire TSC with 3 general-purpose ADC channels
•
8-wire TSC.
Table 3-17 summarizes the TSC_ADC subsystem electrical parameters.
Table 3-17. TSC_ADC Electrical Parameters
PARAMETER
CONDITION
MIN
NOM
MAX
UNIT
Analog Input
(0.5 * VDDA_ADC) +
VREFP(1)
VDDA_ADC
V
0.25
(0.5 * VDDA_ADC) -
VREFN(1)
0
V
0.25
VREFP + VREFN(1)
VDDA_ADC
V
Internal Voltage Reference
0
VDDA_ADC
Full-scale Input Range
V
External Voltage Reference
VREFN
VREFP
Internal Voltage Reference:
Differential Non-Linearity
VDDA_ADC = 1.8V
-1
0.5
1
LSB
(DNL)
External Voltage Reference:
VREFP - VREFN = 1.8V
Source impedance = 50
Ω
Internal Voltage Reference:
VDDA_ADC = 1.8V
-2
±1
2
LSB
External Voltage Reference:
VREFP - VREFN = 1.8V
Integral Non-Linearity (INL)
Source Impedance = 1k
Ω
Internal Voltage Reference:
VDDA_ADC = 1.8V
±1
LSB
External Voltage Reference:
VREFP - VREFN = 1.8V
Internal Voltage Reference:
VDDA_ADC = 1.8V
Gain Error
±2
LSB
External Voltage Reference:
VREFP - VREFN = 1.8V
Internal Voltage Reference:
VDDA_ADC = 1.8V
Offset Error
±2
LSB
External Voltage Reference:
VREFP - VREFN = 1.8V
Input Sampling Capacitance
5.5
pF
Internal Voltage Reference:
VDDA_ADC = 1.8V
Signal-to-Noise Ratio
External Voltage Reference:
70
dB
(SNR)
VREFP - VREFN = 1.8V
Input Signal: 30 kHz sine wave at
-0.5 dB Full Scale
Internal Voltage Reference:
VDDA_ADC = 1.8V
Total Harmonic Distortion
External Voltage Reference:
75
dB
(THD)
VREFP - VREFN = 1.8V
Input Signal: 30 kHz sine wave at
-0.5 dB Full Scale
Copyright © 2011–2013, Texas Instruments Incorporated
Device Operating Conditions
97
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com