Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SS400CS Datasheet(PDF) 3 Page - Rohm

Part # 1SS400CS
Description  Switching Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

1SS400CS Datasheet(HTML) 3 Page - Rohm

  1SS400CS Datasheet HTML 1Page - Rohm 1SS400CS Datasheet HTML 2Page - Rohm 1SS400CS Datasheet HTML 3Page - Rohm 1SS400CS Datasheet HTML 4Page - Rohm 1SS400CS Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Data Sheet
1SS400CS
 
0
1
2
3
4
5
6
7
8
9
10
AVE:1.60kV
AVE:6.48kV
C=100pF
R=1.5kΩ
C=200pF
R=0Ω
0
5
10
1
10
100
0
5
10
1
10
100
1
1.2
1.4
1.6
1.8
2
0
5
10
15
20
IFSM DISPERSION MAP
AVE:3.90A
8.3ms
IFSM
1cyc
trr DISPERSION MAP
AVE:1.489ns
Ta=25°C
VR=6V
IF=10mA
RL=100Ω
n=10pcs
NUMBER OF CYCLES
IFSM-CYCLE CHARACTERISTICS
8.3ms
IFSM
1cyc
8.3ms
TIME:t(ms)
IFSM-t CHARACTERISTICS
ESD DISPERSION MAP
10
100
1000
0.001
0.01
0.1
1
10
100
1000
Rth(j-a)
Rth(j-c)
TIME:t(s)
Rth-t CHARACTERISTICS
3/4
2011.12 - Rev.A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com