Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6470H Datasheet(PDF) 51 Page - STMicroelectronics

Part # L6470H
Description  dSPIN fully integrated microstepping motor driver with motion engine and SPI
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6470H Datasheet(HTML) 51 Page - STMicroelectronics

Back Button L6470H Datasheet HTML 47Page - STMicroelectronics L6470H Datasheet HTML 48Page - STMicroelectronics L6470H Datasheet HTML 49Page - STMicroelectronics L6470H Datasheet HTML 50Page - STMicroelectronics L6470H Datasheet HTML 51Page - STMicroelectronics L6470H Datasheet HTML 52Page - STMicroelectronics L6470H Datasheet HTML 53Page - STMicroelectronics L6470H Datasheet HTML 54Page - STMicroelectronics L6470H Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 70 page
background image
L6470
Programming manual
Doc ID16737 Rev 5
51/70
The EN_VSCOMP bit sets whether the motor supply voltage compensation is enabled or
not.
The F_PWM_INT bits set the integer division factor of PWM frequency generation.
The F_PWM_DEC bits set the multiplication factor of PWM frequency generation.
Table 26.
Programmable power bridge output slew rate values
POW_SR
[1..0]
Output slew rate (1)
[V/µs]
1.
See SRout_r and SRout_f parameters in Table 5 for details.
00
320
01
75
10
110
11
260
Table 27.
Motor supply voltage compensation enable
EN_VSCOMP
Motor supply voltage compensation
0
Disabled
1
Enabled
Table 28.
PWM frequency: integer division factor
F_PWM_INT
[2..0]
Integer division factor
000
1
001
2
010
3
011
4
100
5
101
6
110
7
111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com