Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LIS352ARTR Datasheet(PDF) 4 Page - STMicroelectronics

Part # LIS352ARTR
Description  MEMS motion sensor: 3-axis 2 g analog-output
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS352ARTR Datasheet(HTML) 4 Page - STMicroelectronics

  LIS352ARTR Datasheet HTML 1Page - STMicroelectronics LIS352ARTR Datasheet HTML 2Page - STMicroelectronics LIS352ARTR Datasheet HTML 3Page - STMicroelectronics LIS352ARTR Datasheet HTML 4Page - STMicroelectronics LIS352ARTR Datasheet HTML 5Page - STMicroelectronics LIS352ARTR Datasheet HTML 6Page - STMicroelectronics LIS352ARTR Datasheet HTML 7Page - STMicroelectronics LIS352ARTR Datasheet HTML 8Page - STMicroelectronics LIS352ARTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Block diagram and pin description
LIS352AR
4/15
Doc ID 16933 Rev 1
Table 2.
Pin description
Pin #
Pin name
Function
1
NC
Internally not connected
2
Reserved
Connect to Vdd
3
S0
Mux selector 0 (connect to Vdd or to GND)
4
S1
Mux selector 1 (connect to Vdd or to GND)
5
ST
Self-test (logic 0: normal mode; logic 1: self-test)
6
PD
Power-down (logic 0: normal mode; logic 1: power-down mode)
7
Voutx
Output voltage X channel
8
Vouty
Output voltage Y channel
9
Voutz
Output voltage Z channel
10
GND
0 V supply
11
Vout
Multiplexer output
12
Aux_In
Auxiliary input
13
Vdd
Power supply
14
Reserved
Connect to Vdd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com