Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF175LU Datasheet(PDF) 2 Page - Motorola, Inc

Part # MRF175LU
Description  N-CHANNEL BROADBAND RF POWER FETs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF175LU Datasheet(HTML) 2 Page - Motorola, Inc

  MRF175LU Datasheet HTML 1Page - Motorola, Inc MRF175LU Datasheet HTML 2Page - Motorola, Inc MRF175LU Datasheet HTML 3Page - Motorola, Inc MRF175LU Datasheet HTML 4Page - Motorola, Inc MRF175LU Datasheet HTML 5Page - Motorola, Inc MRF175LU Datasheet HTML 6Page - Motorola, Inc MRF175LU Datasheet HTML 7Page - Motorola, Inc MRF175LU Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MRF175LU MRF175LV
2
MOTOROLA RF DEVICE DATA
ELECTRICAL CHARACTERISTICS — continued (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
ON CHARACTERISTICS
Gate Threshold Voltage (VDS = 10 V, ID = 100 mA)
VGS(th)
1.0
3.0
6.0
Vdc
Drain–Source On–Voltage (VGS = 10 V, ID = 5.0 A)
VDS(on)
0.1
0.9
1.5
Vdc
Forward Transconductance (VDS = 10 V, ID = 2.5 A)
gfs
2.0
3.0
—
mhos
DYNAMIC CHARACTERISTICS
Input Capacitance (VDS = 28 V, VGS = 0, f = 1.0 MHz)
Ciss
—
180
—
pF
Output Capacitance (VDS = 28 V, VGS = 0, f = 1.0 MHz)
Coss
—
200
—
pF
Reverse Transfer Capacitance (VDS = 28 V, VGS = 0, f = 1.0 MHz)
Crss
—
20
—
pF
FUNCTIONAL CHARACTERISTICS — MRF175LV (Figure 1)
Common Source Power Gain
(VDD = 28 Vdc, Pout = 100 W, f = 225 MHz, IDQ = 100 mA)
Gps
12
14
—
dB
Drain Efficiency
(VDD = 28 Vdc, Pout = 100 W, f = 225 MHz, IDQ = 100 mA)
η
55
65
—
%
Electrical Ruggedness
(VDD = 28 Vdc, Pout = 100 W, f = 225 MHz, IDQ = 100 mA,
VSWR 30:1 at all Phase Angles)
ψ
No Degradation in Output Power
FUNCTIONAL CHARACTERISTICS — MRF175LU (Figure 2)
Common Source Power Gain
(VDD = 28 Vdc, Pout = 100 W, f = 400 MHz, IDQ = 100 mA)
Gps
8.0
10
—
dB
Drain Efficiency
(VDD = 28 Vdc, Pout = 100 W, f = 400 MHz, IDQ = 100 mA)
η
50
55
—
%
Electrical Ruggedness
(VDD = 28 Vdc, Pout = 100 W, f = 400 MHz, IDQ = 100 mA,
VSWR 30:1 at all Phase Angles)
ψ
No Degradation in Output Power
Figure 1. 225 MHz Test Circuit
BIAS
R1
RFC1
C4
C5
C10
C11
R2
L4
RF OUTPUT
L3
L2
L1
C1
C2
C3
C6
C7
C8
D.U.T.
RF INPUT
+28 Vdc
C9
0.32
″
0.45
″
0.15
″
0.2
″
C1, C2, C8 — Arco 463 or Equivalent
C3, C7 — 25 pF Unelco Cap
C4 — 1000 pF Chip Cap
C5 — 0.01
µF Chip Cap
C6 — 250 pF Unelco Cap
C9 — Arco 462 or Equivalent
C10 — 1000 pF ATC Chip Cap
C11 — 10
µF 100 V Electrolytic
L1 — Hairpin Inductor #18 Wire
L2 — Stripline Inductor 0.200
″ x 0.500″
L3 — Hairpin Inductor #16 Wire
L4 — 2 Turns #16 Wire 5/16
″ ID
RFC1 — VK200–4B
R1 — 1.0 k 1/4 W Resistor
R2 — 100
Ω Resistor



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com