Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RAVF328R Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # RAVF328R
Description  Convex Termination Chip Resistor Array
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RAVF328R Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  RAVF328R Datasheet HTML 1Page - List of Unclassifed Manufacturers RAVF328R Datasheet HTML 2Page - List of Unclassifed Manufacturers RAVF328R Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Rev Date: 07/03/2012
3
www.seielect.com
This specification may be changed at any time without prior notice
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
RAVF Series
Convex Termination Chip Resistor Array
Stackpole Electronics, Inc.
Resistive Product Solutions
Power Derating Curve:
0
100
-55ºC
70ºC
80
60
40
20
40
60
80
100
-40
-20
0
20
125ºC
Ambient Temperature (ºC)
120
140
160
180
155ºC
-60
RAVF102D, RAVF104D,
RAVF162D, RAVF164D,
RAVF168D
RAVF052D, RAVF324D,
RAVF328N, RAVF328R
How to Order
1234
5678
9
10
11
12
13
14
RAV
F
1
6
4
D
J
T
1
0
K
0
Size
052D
Code
Tol
Value Code
Quantity
102D
F
1%
10,000
104D
G
2%
162D
J
5%
164D
Z
jumper
4,000
168D
324D
328N
328R
D =
N =
R =
Convex
RoHS
RAVF
Tolerance(1)
E24
0.063W
Product Series
Power
Resistance Value
Packaging
5,000
0.031W
Description
Size
0.063W
0.063W
10.2 Kohm = 10K2
Tape and Reel
T
052D, 102D, 104D
162D, 164D, 168D
10 ohm = 10R0
Four characters with the
multiplier used as the
decimal holder.
328N, 328R
1 Mohm = 1M00
Zero ohm jumper = 0R00
Isolated
Bussed
Bussed
0.063W
0.063W
0.125W
0.063W
0.063W
Note (1): 1% tolerance is available in E24 values only.
E96 values are generally not available. Contact factory for details.
324D
Legacy Part Number (before January 3, 2011):
Number of
Nominal
Code
Elements
Circuit Type
Resistance
16
4
D
10K
Type
Description
Code
Elements
Circuit Type
Tolerance
Values
SEI Types
Pkg Qty
Description
Code
RAVF
Convex
05
2
D = Isolated
1%
E24
052D, 102D, 104D
10,000
10
4
N = Bussed
2%
E24
162D, 164D, 168D,
16
8
R = Bussed
5%
E24
328N, 328R
32
324D
4,000
5,000
tape and reel
R
5%
Tolerance
Packaging
RAVF
R
SEI Type



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com