Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7LITE20F2 Datasheet(PDF) 61 Page - STMicroelectronics

Part # ST7LITE20F2
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE20F2 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button ST7LITE20F2 Datasheet HTML 57Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 58Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 59Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 60Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 61Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 62Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 63Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 64Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 166 page
background image
ST7LITE20F2 ST7LITE25F2 ST7LITE29F2
Power saving modes
Doc ID 8349 Rev 5
61/166
interrupt). Refer to Table 12: Interrupt mapping for more details.
4.
Before servicing an interrupt, the CC register is pushed on the stack. The I[1:0] bits of the CC register are
set to the current software priority level of the interrupt routine and recovered when the CC register is
popped.
5.
If the PLL is enabled by option byte, it outputs the clock after an additional delay of tSTARTUP (see
Figure 12: PLL output frequency timing diagram).
9.6.1
Register description
AWUF control/status register (CR)
Read/Write
Reset value: 0000 0000 (0Ch)
●
Bits 7:3 = Reserved
●
Bit 2 =
AWUF Auto-Wakeup Flag
This bit is set by hardware when the AWU module generates an interrupt and cleared
by software on reading AWUCSR. Writing to this bit does not change its value.
0: No AWU interrupt occurred
1: AWU interrupt occurred
●
Bit 1=
AWUM Auto-Wakeup Measurement
This bit enables the AWU RC oscillator and connects its output to the input capture of
the 12-bit Auto-Reload timer. This allows the timer to be used to measure the AWU RC
oscillator dispersion and then compensate this dispersion by providing the right value in
the AWUPRE register.
0: Measurement disabled
1: Measurement enabled
●
Bit 0 =
AWUEN Auto Wake Up From Halt Enabled
This bit enables the Auto Wake Up From Halt feature:
once HALT mode is entered, the AWUF wakes up the microcontroller after a time delay
dependent on the AWU prescaler value. It is set and cleared by software.
0: AWUF (Auto Wake Up From Halt) mode disabled
1: AWUF (Auto Wake Up From Halt) mode enabled
7
0
00
000
AWUF
AWUM
AWUEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com