Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7LITE20F2 Datasheet(PDF) 104 Page - STMicroelectronics

Part # ST7LITE20F2
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE20F2 Datasheet(HTML) 104 Page - STMicroelectronics

Back Button ST7LITE20F2 Datasheet HTML 100Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 101Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 102Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 103Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 104Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 105Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 106Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 107Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 166 page
background image
On-chip peripherals
ST7LITE20F2 ST7LITE25F2 ST7LITE29F2
104/166
Doc ID 8349 Rev 5
11.5.2
Main features
●
10-bit conversion
●
Up to 7 channels with multiplexed input
●
Linear successive approximation
●
Data register (DR) which contains the results
●
Conversion complete status flag
●
On/off bit (to reduce consumption)
The block diagram is shown in Figure 49.
11.5.3
Functional description
Analog power supply
VDDA and VSSA are the high and low level reference voltage pins. In some devices (refer to
device pin out description) they are internally connected to the VDD and VSS pins.
Conversion accuracy may therefore be impacted by voltage drops and noise in the event of
heavily loaded or badly decoupled power supply lines.
Figure 49. ADC block diagram
Input voltage amplifier
The input voltage can be amplified by a factor of 8 by enabling the AMPSEL bit in the
ADCDRL register.
When the amplifier is enabled, the input range is 0 V to VDD/8.
CH2
CH1
EOC SPEED ADON
0
CH0
ADCCSR
AIN0
AIN1
ANALOG TO DIGITAL
CONVERTER
AINx
ANALOG
MUX
D4
D3
D5
D9
D8
D7
D6
D2
ADCDRH
3
D1
D0
ADCDRL
00
0
AMP
SLOW
AMP
0
RADC
CADC
HOLD CONTROL
x 1 or
x 8
AMPSEL
bit
SEL
fADC
fCPU
0
1
1
0
DIV 2
DIV 4
SLOW
bit
CAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com