Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7LITE20F2 Datasheet(PDF) 123 Page - STMicroelectronics

Part # ST7LITE20F2
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE20F2 Datasheet(HTML) 123 Page - STMicroelectronics

Back Button ST7LITE20F2 Datasheet HTML 119Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 120Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 121Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 122Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 123Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 124Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 125Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 126Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 127Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 166 page
background image
ST7LITE20F2 ST7LITE25F2 ST7LITE29F2
Electrical characteristics
Doc ID 8349 Rev 5
123/166
IDD(RC)
RC oscillator current
consumption
TA=25° C, VDD=5 V
−
970(3)
−μA
tsu(RC)
RC oscillator setup time
TA=25° C, VDD=5 V
−−
10(2)
μs
fPLL
x8 PLL input clock
−−
1(3)
−
MHz
tLOCK
PLL Lock time(4)
−−
2
−
ms
tSTAB
PLL Stabilization time(4)
−−
4
−
ms
ACCPLL
x8 PLL Accuracy
fRC = 1 MHz@TA=25° C, VDD=4.5 to 5.5 V
−
0.1(5)
−
%
fRC = 1 MHz@TA=-40 to +85° C, VDD=5 V
−
0.1(5)
−
%
tw(JIT)
PLL jitter period
fRC = 1 MHz
−
125(6)
−
µs
JITPLL
PLL jitter (
ΔfCPU/fCPU)
−−
1(6)
−
%
IDD(PLL) PLL current consumption TA=25° C
−
600(3)
−μA
1.
If the RC oscillator clock is selected, to improve clock stability and frequency accuracy, it is recommended to place a
decoupling capacitor, typically 100nF, between the VDD and VSS pins as close as possible to the ST7 device.
2.
See Section 7.1: Internal RC oscillator adjustment.
3.
Data based on characterization results, not tested in production.
4.
After the LOCKED bit is set ACCPLL is max. 10% until tSTAB has elapsed. See Figure 12: PLL output frequency timing
diagram.
5.
Averaged over a 4ms period. After the LOCKED bit is set, a period of tSTAB is required to reach ACCPLL accuracy.
6.
Guaranteed by design.
Table 64.
RC oscillator and PLL characteristics (tested for TA = -40 to +85°C) @ VDD =4.5 to
5.5 V (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 65.
RC oscillator and PLL characteristics (tested for TA = -40 to +85°C) @ VDD = 2.7 to
3.3V
Symbol
Parameter
Conditions
Min
Typ
Max Unit
fRC
(1)
Internal RC oscillator
frequency(1)
RCCR = FF (reset value), TA=25 °C, VDD= 3.0V
−
560
−
kHz
RCCR=RCCR1(3) ,TA=25°C, VDD= 3 V
−
700
−
ACCRC
Accuracy of Internal RC
oscillator when calibrated
with RCCR=RCCR1(2)(3)
TA=25°C,VDD=3V
-2
−
+2
%
TA=25°C,VDD=2.7 t 3.3V
-25
−
+25
%
TA=-40 to +85°C,VDD=3V
-15
−
15
%
IDD(RC)
RC oscillator current
consumption
TA=25°C,VDD=3V
−
700(2)
−μA
tsu(RC)
RC oscillator setup time
TA=25°C,VDD=3V
−−
10(3)
μs
fPLL
x4 PLL input clock
−−
0.7(2)
−
MHz
tLOCK
PLL Lock time(4)
−−
2
−
ms
tSTAB
PLL Stabilization time(4)
−−
4
−
ms
ACCPLL x4 PLL Accuracy
fRC = 1MHz@TA=25°C,VDD=2.7 to 3.3V
−
0.1(5)
−
%
fRC = 1MHz@TA=40 to +85°C,VDD= 3V
−
0.1(5)
−
%
tw(JIT)
PLL jitter period
fRC = 1MHz
−
125(6)
−
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com