Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA381BW Datasheet(PDF) 66 Page - STMicroelectronics

Part # STA381BW
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA381BW Datasheet(HTML) 66 Page - STMicroelectronics

Back Button STA381BW Datasheet HTML 62Page - STMicroelectronics STA381BW Datasheet HTML 63Page - STMicroelectronics STA381BW Datasheet HTML 64Page - STMicroelectronics STA381BW Datasheet HTML 65Page - STMicroelectronics STA381BW Datasheet HTML 66Page - STMicroelectronics STA381BW Datasheet HTML 67Page - STMicroelectronics STA381BW Datasheet HTML 68Page - STMicroelectronics STA381BW Datasheet HTML 69Page - STMicroelectronics STA381BW Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 174 page
background image
Register description: New Map
STA381BW
66/174
DocID018835 Rev 8
6.16
Configuration register D (addr 0x14)
6.16.1
DSP bypass
Setting the DSPB bit bypasses the EQ function of the STA381BW.
6.16.2
Post-scale link
Post-scale functionality can be used for power-supply error correction. For multi-channel
applications running off the same power supply, the post-scale values can be linked to the
value of channel 1 for ease of use and in order to update the values faster.
6.16.3
Biquad coefficient link
For ease of use, all channels can use the biquad coefficients loaded into the channel 1
coefficient RAM space by setting the BQL bit to 1. Therefore, any EQ updates only have to
be performed once.
Table 38. Compensating pulse size
CSZ[3:0]
Compensating pulse size
0000
0 ns (0 ticks) compensating pulse size
0001
20 ns (1 tick) clock period compensating pulse size
……
1111
300 ns (15 ticks) clock period compensating pulse size
D7
D6
D5
D4
D3
D2
D1
D0
SME
ZDE
Reserved
BQL
PSL
DSPB
Reserved
Reserved
00011000
Table 39. DSP bypass
Bit
R/W
RST
Name
Description
2
R/W
0
DSPB
0: Normal operation
1: Bypass of biquad and bass/treble functions
Table 40. Post-scale link
Bit
R/W
RST
Name
Description
3
R/W
1
PSL
0: Each channel uses individual post-scale values
1: Each channel uses channel 1 post-scale values
Table 41. Biquad coefficient link
Bit
R/W
RST
Name
Description
4
R/W
1
BQL
0: Each channel uses coefficient values
1: Each channel uses channel 1 coefficient values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com