Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA381BW Datasheet(PDF) 118 Page - STMicroelectronics

Part # STA381BW
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA381BW Datasheet(HTML) 118 Page - STMicroelectronics

Back Button STA381BW Datasheet HTML 114Page - STMicroelectronics STA381BW Datasheet HTML 115Page - STMicroelectronics STA381BW Datasheet HTML 116Page - STMicroelectronics STA381BW Datasheet HTML 117Page - STMicroelectronics STA381BW Datasheet HTML 118Page - STMicroelectronics STA381BW Datasheet HTML 119Page - STMicroelectronics STA381BW Datasheet HTML 120Page - STMicroelectronics STA381BW Datasheet HTML 121Page - STMicroelectronics STA381BW Datasheet HTML 122Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 174 page
background image
Register description: Sound Terminal compatibility
STA381BW
118/174
DocID018835 Rev 8
7.6
Configuration register F (addr 0x05)
7.6.1
Output configuration
Note:
To the left of the arrow is the processing channel. When using channel output mapping, any
of the three processing channel outputs can be used for any of the three inputs.
D7
D6
D5
D4
D3
D2
D1
D0
EAPD
PWDN
Reserved
LDTE
BCLE
IDE
OCFG1
OCFG0
01011100
Table 124. Output configuration
Bit
R/W
RST
Name
Description
0
R/W
0
OCFG0
Selects the output configuration
1
R/W
0
OCFG1
Table 125. Output configuration engine selection
OCFG[1:0]
Output configuration
PBTL enable
00
2-channel (full-bridge) power, 2-channel data-out:
1A/1B
 1A/1B
2A/2B
 2A/2B
LineOut1
 3A/3B
LineOut2
 4A/4B
Line Out configuration determined by LOC register
No
01
2(half-bridge).1(full-bridge) on-board power:
1A
 1A
Binary 0 °
2A
 1B
Binary 90°
3A/3B
 2A/2B Binary 45°
1A/B
 3A/B
Binary 0°
2A/B
 4A/B
Binary 90°
No
10
2-channel (full-bridge) power, 1-channel FFX:
1A/1B
 1A/1B
2A/2B
 2A/2B
3A/3B
 3A/3B
EAPDEXT and TWARNEXT active
No
11
1-channel mono-parallel:
3A
 1A/1B
w/ C3BO 45°
3B
 2A/2B
w/ C3BO 45°
1A/1B
 3A/3B
2A/2B
 4A/4B
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com