| Electronic Components Datasheet Search |
|
ST7LITE29F2 Datasheet(PDF) 77 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7LITE29F2 Datasheet(HTML) 77 Page - STMicroelectronics |
|
77 / 166 page ![]() ST7LITE20F2 ST7LITE25F2 ST7LITE29F2 On-chip peripherals Doc ID 8349 Rev 5 77/166 Software can set the BA bit to activate the break function without using the BREAK pin. ● When the break function is activated (BA bit =1): – the break pattern (PWM[3:0] bits in the BREAKCR) is forced directly on the PWMx output pins (after the inverter), – the 12-bit PWM counter is set to its reset value, – the ARR, DCRx and the corresponding shadow registers are set to their reset values, – the PWMCR register is reset. ● When the break function is deactivated after applying the break (BA bit goes from 1 to 0 by software): – the control of PWM outputs is transferred to the port registers. Figure 38. Block diagram of break function Note: The BREAK pin value is latched by the BA bit. Input capture The 12-bit ATICR register is used to latch the value of the 12-bit free running upcounter after a rising or falling edge is detected on the ATIC pin. When an input capture occurs, the ICF bit is set and the ATICR register contains the value of the free running upcounter. An IC interrupt is generated if the ICIE bit is set. The ICF bit is reset by reading the ATICR register when the ICF bit is set. The ATICR is a read only register and always contains the free running upcounter value which corresponds to the most recent input capture. Any further input capture is inhibited while the ICF bit is set. PWM0 PWM1 PWM2 PWM3 1 0 PWM0 PWM1 PWM2 PWM3 BREAKCR register BREAK pin PWM counter -> Reset value ARR & DCRx -> Reset value PWM Mode -> Reset value When BA is set: (Active low) (Inverters) PWM0 PWM1 PWM2 PWM3 BPEN BA |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |