Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP3NK90Z Datasheet(PDF) 11 Page - STMicroelectronics

Part # STP3NK90Z
Description  N-channel 900 V, 4.1 Ω typ., 3 A Zener-protected SuperMESH™Power MOSFET in DPAK, TO-220 and TO-220FP packages
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP3NK90Z Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STP3NK90Z Datasheet HTML 7Page - STMicroelectronics STP3NK90Z Datasheet HTML 8Page - STMicroelectronics STP3NK90Z Datasheet HTML 9Page - STMicroelectronics STP3NK90Z Datasheet HTML 10Page - STMicroelectronics STP3NK90Z Datasheet HTML 11Page - STMicroelectronics STP3NK90Z Datasheet HTML 12Page - STMicroelectronics STP3NK90Z Datasheet HTML 13Page - STMicroelectronics STP3NK90Z Datasheet HTML 14Page - STMicroelectronics STP3NK90Z Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
STD3NK90Z, STP3NK90Z, STP3NK90ZFP
Package mechanical data
Doc ID 9193 Rev 2
11/20
Table 10.
DPAK (TO-252) mechanical data
Dim.
mm
Min.
Typ.
Max.
A2.20
2.40
A1
0.90
1.10
A2
0.03
0.23
b0.64
0.90
b4
5.20
5.40
c0.45
0.60
c2
0.48
0.60
D6.00
6.20
D1
5.10
E6.40
6.60
E1
4.70
e2.28
e1
4.40
4.60
H
9.35
10.10
L1
L1
2.80
L2
0.80
L4
0.60
1
R0.20
V2
0°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com