Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8S003F3U6TR Datasheet(PDF) 65 Page - STMicroelectronics

Part # STM8S003F3U6TR
Description  Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I²C
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S003F3U6TR Datasheet(HTML) 65 Page - STMicroelectronics

Back Button STM8S003F3U6TR Datasheet HTML 61Page - STMicroelectronics STM8S003F3U6TR Datasheet HTML 62Page - STMicroelectronics STM8S003F3U6TR Datasheet HTML 63Page - STMicroelectronics STM8S003F3U6TR Datasheet HTML 64Page - STMicroelectronics STM8S003F3U6TR Datasheet HTML 65Page - STMicroelectronics STM8S003F3U6TR Datasheet HTML 66Page - STMicroelectronics STM8S003F3U6TR Datasheet HTML 67Page - STMicroelectronics STM8S003F3U6TR Datasheet HTML 68Page - STMicroelectronics STM8S003F3U6TR Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 100 page
background image
Flash program memory and data EEPROM
Table 36: Flash program memory and data EEPROM
Unit
Max
Typ
Min
(1)
Conditions
Parameter
Symbol
V
5.5
2.95
fCPU ≤ 16 MHz
Operating voltage (all
modes, execution/
write/erase)
VDD
ms
6.6
6
Standard programming time
(including erase) for
tprog
byte/word/block (1 byte/
4 bytes/64 bytes)
3.33
3
Fast programming time for
1 block (64 bytes)
3.33
3
Erase time for 1 block
(64 bytes)
terase
cycles
100
TA = 85 °C
Erase/write cycles
(2)
(program memory)
NRW
100 k
Erase/write cycles
(2)
(data memory)
years
20
TRET = 55°C
Data retention (program
memory) after 100
erase/write cycles at TA =
85 °C
tRET
20
Data retention (data
memory) after 10 k
erase/write cycles at TA =
85 °C
1
TRET = 85°C
Data retention (data
memory) after 100 k
erase/write cycles at TA =
85 °C
mA
2
Supply current (Flash
programming or erasing
IDD
for 1 to 128 bytes)
65/100
DocID018576 Rev 3
Electrical characteristics
STM8S003K3 STM8S003F3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com