Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP18NM60N Datasheet(PDF) 20 Page - STMicroelectronics

Part # STP18NM60N
Description  N-channel 600 V, 0.26 Ω typ., 13 A MDmesh™ II Power MOSFET in D2PAK, TO-220FP, TO-220 and TO-247
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP18NM60N Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STP18NM60N Datasheet HTML 13Page - STMicroelectronics STP18NM60N Datasheet HTML 14Page - STMicroelectronics STP18NM60N Datasheet HTML 15Page - STMicroelectronics STP18NM60N Datasheet HTML 16Page - STMicroelectronics STP18NM60N Datasheet HTML 17Page - STMicroelectronics STP18NM60N Datasheet HTML 18Page - STMicroelectronics STP18NM60N Datasheet HTML 19Page - STMicroelectronics STP18NM60N Datasheet HTML 20Page - STMicroelectronics STP18NM60N Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
Revision history
STB18NM60N, STF18NM60N, STP18NM60N, STW18NM60N
20/21
Doc ID 15868 Rev 4
6
Revision history
Table 13.
Document revision history
Date
Revision
Changes
15-Jun-2009
1
First release
11-Nov-2009
2
– Added RDS(on) typical value
– Added new package, mechanical data: I²PAK
– Document status promoted from preliminary data to
datasheet
06-Oct-2010
3
Inserted new value in Table 5.
01-Oct-2012
4
Updated title and description on the cover page.
Updated figures 10, 11, 14, 15 and 16.
Updated Section 4: Package mechanical data and Section 5:
Packaging mechanical data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com